Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJA1117B-ADJ Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJA1117B-ADJ
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJA1117B-ADJ Datasheet(HTML) 1 Page - ZP Semiconductor

  CJA1117B-ADJ Datasheet HTML 1Page - ZP Semiconductor CJA1117B-ADJ Datasheet HTML 2Page - ZP Semiconductor CJA1117B-ADJ Datasheet HTML 3Page - ZP Semiconductor CJA1117B-ADJ Datasheet HTML 4Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT – 89-3L
1. ADJ/GND
2. OUTPUT
3.IN
1A LOW DROPOUT LINEAR REGULATOR
GENERAL DESCRIPTION
The CJA1117B-XXX is a series of low dropout three-terminal regulators with a dropout of 1.15V(typ.)
at 1A output current.
The CJA1117B-XXX series provides current limiting and thermal shutdown. Its circuit includes a
trimmed bandgap. reference to assure output voltage accuracy to be within 1.5%. Current limit is trimmed
to ensure specified. output current and controlled short-circuit current. On-chip thermal shutdown
provides protection against any combination of overload and ambient temperature that would create
excessive junction temperature.
The CJA1117B-XXX has an adjustable version, that can provide the output voltage from 1.25V to 5V with
only 2 external resistors.
FEATURES
Low Dropout Voltage: 1.15V(typ.) at 1A Output Current
Trimmed Current Limit
On-Chip Thermal Shutdown
Three-Terminal Adjustable or Fixed 1.8V, 2.5V, 3.3V, 5V
Operation Junction Temperature: 0 ℃ to 125℃
APPLICATIONS
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
NIC/Switch
Telecom Modem
ADSL Modem
Printer and Other Peripheral Equipment
PACKAGE AND PIN CONFIGURATIONS
1 of 4
sales@zpsemi.com
www.zpsemi.com
CJA1117B-XXX


Similar Part No. - CJA1117B-ADJ

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJA1117B-ADJ JIANGSU-CJA1117B-ADJ Datasheet
1Mb / 6P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJA1117B-ADJ

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com