Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE93C46A Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE93C46A
Description  Three-wire Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46A Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE93C46A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 11Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 12Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 13Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ACE93C46A/56A/66A
Three-wire Serial EEPROM
VER 1.3
10
AC characteristics
Applicable over recommended operating range from: T
AI
= -40°C to +85°C, V
CC
=+1.8V to +5.5V, T
AC
= 0°C to
+70°C, V
CC
= +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
0
0
0
2
1
0.25
MHZ
tSHLH
SCL High Time
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tSCLL
SCL Low Time
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tCS
Minimum CS Low
Time
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tCSS
CS Setup Time
Relative to SCL
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
50
50
200
ns
tDIS
DI Setup Time
Relative to SCL
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
100
100
400
ns
tCSH
CS Hold Time
Relative to SCL
0
ns
tDIH
DI Setup Time
Relative to SCL
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
100
100
400
ns
tPD1
Output Delay to
”1”
AC Test
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tPD0
Output Delay to
”0”
AC Test
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tSV
CS to Status Valid
AC Test
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
250
250
1000
ns
tDF
CS to DO in High
Impedance
AC Test CS=VIL
4.5V
≤V
CC≤5.5V
2.7V
≤V
CC≤5.5V
1.8V
≤V
CC≤5.5V
100
100
400
ns
tWC
Write Cycle Time
4.5V
≤V
CC≤5.5V
3
10
ms


Similar Part No. - ACE93C46A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46 ACE-ACE93C46 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
ACE93C46DP+TH ACE-ACE93C46DP+TH Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
ACE93C46DP+UH ACE-ACE93C46DP+UH Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
ACE93C46DPTH ACE-ACE93C46DPTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE93C46A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com