Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863528A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC863528A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863528A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC863528A Datasheet HTML 1Page - Sanyo Semicon Device LC863528A Datasheet HTML 2Page - Sanyo Semicon Device LC863528A Datasheet HTML 3Page - Sanyo Semicon Device LC863528A Datasheet HTML 4Page - Sanyo Semicon Device LC863528A Datasheet HTML 5Page - Sanyo Semicon Device LC863528A Datasheet HTML 6Page - Sanyo Semicon Device LC863528A Datasheet HTML 7Page - Sanyo Semicon Device LC863528A Datasheet HTML 8Page - Sanyo Semicon Device LC863528A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
D2700 RM (IM) Shindo No.6844-1/19
Ver.1.00
00000
Preliminary
Overview
The LC863532/28/24/20/16A are 8-bit single chip microcontrollers with the following on-chip functional blocks:
- CPU : Operable at a minimum bus cycle time of 0.424
µs
- On-chip ROM capacity
Program ROM : 32K/28K/24K/20K/16K bytes
CGROM : 16K bytes
- On-chip RAM capacity : 512 bytes
- OSD RAM : 352
× 9 bits
- Closed-Caption TV controller and the on-screen display controller
- Four channels
× 6-bit AD Converter
- Three channels
× 7-bit PWM
- Two channels
× 16-bit timer/counter, 14-bit base timer
- IIC-bus compliant serial interface circuit (Multi-master type)
- ROM correction function
- 12-source 8-vectored interrupt system
- Integrated system clock generator and display clock generator
Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators
TV control and the Closed Caption function
All of the above functions are fabricated on a single chip.
Note : This product includes the IIC bus interface circuit.
If you intend to use the IIC bus interface, please
notify us of this in advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these
components in an IIC system, provided that the system conforms to the IIC Standard Specification as
defined by Philips.
Trademarks
IIC is a trademark of Philips Corporation.
8-Bit Single-Chip Microcontroller
LC863532A/28A/24A/20A/16A
Ordering number : ENN*6844
CMOS IC


Similar Part No. - LC863528A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863528 SANYO-LC863528 Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
LC863528 SANYO-LC863528 Datasheet
612Kb / 22P
   LC86F3548A
LC863528B SANYO-LC863528B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
LC863528C SANYO-LC863528C Datasheet
116Kb / 17P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863528A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com