Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT-63ETV Datasheet(PDF) 2 Page - Copal Electronics

Part # FT-63ETV
Description  SINGLE TURN CERMET TRIMMERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63ETV Datasheet(HTML) 2 Page - Copal Electronics

  FT-63ETV Datasheet HTML 1Page - Copal Electronics FT-63ETV Datasheet HTML 2Page - Copal Electronics FT-63ETV Datasheet HTML 3Page - Copal Electronics FT-63ETV Datasheet HTML 4Page - Copal Electronics FT-63ETV Datasheet HTML 5Page - Copal Electronics FT-63ETV Datasheet HTML 6Page - Copal Electronics FT-63ETV Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Top adjustment
Side adjustment
Adjustment position
Form of packaging
Taping (Ammo pack type)
Plastic bag
※The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping specification is not sold separately and must be purchased in taping unit.
The products indicated by
A mark are manufactured upon receipt of
order basis.
FT-63ETP
FT-63EP
FT-63ETV
FT-63EV
FT-63ETS
FT-63ES
FT-63EX
FT-63ETH
FT-63EH
FT-63EN
Nominal resistance values
Fig. 1
A 10 Ω
A 20 Ω
50
Ω
100
Ω
200
Ω
300
Ω
500
Ω
1 k
Ω
2 k
Ω
3 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
30 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
300 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
Not manufactured
Mechanical angle
Operating torque
Stop strength
Rotational life
Thrust to rotor
Solderability
Terminal strength
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical angle
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
10
Ω ~ 2 MΩ
± 10 %
0.5 W (70 °C) 0 W (125 °C)
(B)
Linear law
DC200 V or power rating, whichever is smaller
Power ratings
220 ° (1 turn)
1 % or 2
Ω, whichever is greater
2 % or 3
Ω, whichever is greater
−55 ~ 125 °C
10
Ω ~ 20 Ω : ± 150 10-6/°C maximum
50
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC900 V, 60 s
Approx. 0.52 g (FT-63EP, EV)
Approx. 0.66 g (FT-63ES, EH, EX, EN)
260 ° (1 turn)
20 mN·m {204 gf·cm} maximum
50 mN·m {510 gf·cm} minimum
100 cycles [
ΔR/R ≦
± (2 Ω +3 %)]
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
10 N {1.02 kgf} minimum
Tensile strength
{ }Reference only
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
LIST OF PART NUMBERS
FT-63
CERMET TRIMMERS


Similar Part No. - FT-63ETV

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FT-6Z PREMO-FT-6Z Datasheet
146Kb / 1P
   IEC Connector Filter
FT-6ZM PREMO-FT-6ZM Datasheet
146Kb / 1P
   IEC Connector Filter
More results

Similar Description - FT-63ETV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com