Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2608ATLX-1.8 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608ATLX-1.8
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608ATLX-1.8 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2608ATLX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LM2608ATLX-1.8 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Operating Characteristics LM2608ATL, Circuit of Figure 1,V
IN = 3.6V, TA = 25˚C, L1 = 10 µH,
unless otherwise noted. (Continued)
LDO Output Voltage vs Output Current
LDO Short Circuit Output Current
20036617
20036618
Maximum LDO Output Current
Maximum LDO Output Current
20036619
20036620
Switching Frequency vs Temperature
(PWM Mode)
Efficiency vs Output Current withDiode
20036621
20036650
www.national.com
8


Similar Part No. - LM2608ATLX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Similar Description - LM2608ATLX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2618 NSC-LM2618 Datasheet
428Kb / 15P
   400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612 NSC-LM2612 Datasheet
5Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2614 NSC-LM2614 Datasheet
733Kb / 16P
   400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com