Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CK Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBR30100CK
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBR30100CK Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBR30100CK Datasheet HTML 1Page - Mospec Semiconductor MBR30100CK Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBR30100CK
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The proprietary barrier technology allows for
reliable operation up to 175℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptors, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
175℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
MAXIMUM RATINGS
Characteristic
Symbol
MBR30100CK
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR), TC=100℃
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
30
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
250
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
100 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθjc
3.2
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
MBR30100CK
Unit
Maximum Instantaneous Forward Voltage ( per diode )
( IF =15 Amp TC = 25℃)
0.85
( IF =15 Amp TC = 125℃)
VF
0.78
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
0.01
( Rated DC Voltage, TC = 125℃)
IR
15
mA


Similar Part No. - MBR30100CK

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MBR30100CK DGNJDZ-MBR30100CK Datasheet
286Kb / 4P
   Schottky Barrier Rectifiers
MBR30100CK-30A-TO-262 DGNJDZ-MBR30100CK-30A-TO-262 Datasheet
352Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR30100CK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com