Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2G-5M-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # FT2G-5M-Z
Description  Ultra-Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT2G-5M-Z Datasheet(HTML) 1 Page - Copal Electronics

  FT2G-5M-Z Datasheet HTML 1Page - Copal Electronics FT2G-5M-Z Datasheet HTML 2Page - Copal Electronics FT2G-5M-Z Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FT
Ultra-Miniature Toggle Switch
Terminal Pins : Kinked
Actuator Color : Yellow
■Features
1. Ultra-miniature toggle switch for high density
mounting.
2. Washable.
3. Terminal pin pitch : 2.54 mm.
4. Independent detent mechanism ensures light
operational feel.
5. Clip contact mechanism for long-term contact
reliability.
6. Gold-plated contacts.
RoHS Compliant
Washable
■ :WLJPÄJH[PVUZ
Rating
Max.
28VDC 0.4VA max.
Min.
1
μ A 20mVDC
Initial contact resistance
100m
Ω max.
(1.5mA 200μ VAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 cycles at max. rating
50,000 cycles at min. rating
(D,E type)
30,000 cycles at min. rating
(F,G,H type)
Operating
temperature range
−40℃∼+85℃
Storage
temperature range
−40℃∼+85℃
■ Part Numbering
Actuator shape
ON
ON
ONーOFF ー ON
ON
ー (ON)
(ON) ー
ON
(ON)ーOFFー(ON)
ONーOFFー(ON)
(ON)ーOFFー ON
Terminal style
D
E
F
FA
G
H
HA
Toggle type
1 pole
2
5
4
T
PC Straight
Right angle
Vertical mounting
2 poles
F
  T  2  D −  2  M − Z
Series code
Number of poles
Switching function
Standard
M
Actuator shape
Number
of poles
Terminal style
Type
1
2
Fig.
Fig.
Code
Code
Switching function
Code Actuator shape
Terminal style of「2」(Style:PC Terminal)
「2」
Terminal style of「4」(Style:V/M Terminal)
Terminal style of「5」(Style:R/A Terminal)
(ON)
:Momentary.


Similar Part No. - FT2G-5M-Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
DATEL, Inc.
FT20-100 DATEL-FT20-100 Datasheet
470Kb / 4P
   Filter Modules 100 Vdc, 10 and 20 Amps Differential/Common-Mode Filters
FT20-100 DATEL-FT20-100 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
logo
List of Unclassifed Man...
FT200 ETC-FT200 Datasheet
681Kb / 1P
   NA Step-Index MM Fibers, TECS™ Clad
More results

Similar Description - FT2G-5M-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
   Ultra-Miniature SMT Toggle Switches
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
   Ultra-Miniature Fully Illuminated Toggle Switches
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com