Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320LF2407APZS Datasheet(PDF) 11 Page - Texas Instruments

Part # TMX320LF2407APZS
Description  DSP CONTROLLERS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2407APZS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMX320LF2407APZS Datasheet HTML 7Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 8Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 9Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 10Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 11Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 12Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 13Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 14Page - Texas Instruments TMX320LF2407APZS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
pin functions
The TMS320LF2407A device is the superset of all the 240xA devices. All signals are available on the 2407A
device. Table 2 lists the signals available in the 240xA generation of devices.
Table 2. LF240xA and LC240xA Pin List and Package Options†‡
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
EVENT MANAGER A (EVA)
CAP1/QEP1/IOPA3
83
57
57
4
Capture input #1/quadrature encoder pulse input #1 (EVA) or
GPIO (
↑)
CAP2/QEP2/IOPA4
79
55
55
3
Capture input #2/quadrature encoder pulse input #2 (EVA) or
GPIO (
↑)
CAP3/IOPA5
75
52
52
2
Capture input #3 (EVA) or GPIO (
↑)
PWM1/IOPA6
56
39
39
59
Compare/PWM output pin #1 (EVA) or GPIO (
↑)
PWM2/IOPA7
54
37
37
58
Compare/PWM output pin #2 (EVA) or GPIO (
↑)
PWM3/IOPB0
52
36
36
57
Compare/PWM output pin #3 (EVA) or GPIO (
↑)
PWM4/IOPB1
47
33
33
54
Compare/PWM output pin #4 (EVA) or GPIO (
↑)
PWM5/IOPB2
44
31
31
53
Compare/PWM output pin #5 (EVA) or GPIO (
↑)
PWM6/IOPB3
40
28
28
50
Compare/PWM output pin #6 (EVA) or GPIO (
↑)
T1PWM/T1CMP/IOPB4
16
12
12
40
Timer 1 compare output (EVA) or GPIO (
↑)
T2PWM/T2CMP/IOPB5
18
13
13
41
Timer 2 compare output (EVA) or GPIO (
↑)
TDIRA/IOPB6
14
11
11
Counting direction for general-purpose (GP) timer (EVA) or
GPIO. If TDIRA = 1, upward counting is selected. If
TDIRA = 0, downward counting is selected. (
↑)
TCLKINA/IOPB7
37
26
26
49
External clock input for GP timer (EVA) or GPIO. Note that
the timer can also use the internal device clock. (
↑)
EVENT MANAGER B (EVB)
CAP4/QEP3/IOPE7
88
60
60
Capture input #4/quadrature encoder pulse input #3 (EVB) or
GPIO (
↑)
CAP5/QEP4/IOPF0
81
56
56
Capture input #5/quadrature encoder pulse input #4 (EVB) or
GPIO (
↑)
CAP6/IOPF1
69
48
48
Capture input #6 (EVB) or GPIO (
↑)
PWM7/IOPE1
65
45
45
Compare/PWM output pin #7 (EVB) or GPIO (
↑)
PWM8/IOPE2
62
43
43
Compare/PWM output pin #8 (EVB) or GPIO (
↑)
PWM9/IOPE3
59
41
41
Compare/PWM output pin #9 (EVB) or GPIO (
↑)
PWM10/IOPE4
55
38
38
Compare/PWM output pin #10 (EVB) or GPIO (
↑)
PWM11/IOPE5
46
32
32
Compare/PWM output pin #11 (EVB) or GPIO (
↑)
PWM12/IOPE6
38
27
27
Compare/PWM output pin #12 (EVB) or GPIO (
↑)
Bold, italicized pin names indicate pin function after reset.
GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)


Similar Part No. - TMX320LF2407APZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320LF2407APGE TI1-TMX320LF2407APGE Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMX320LF2407APZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com