Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92511DDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92511DDA
Description  500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92511DDA Datasheet(HTML) 4 Page - Texas Instruments

  TPS92511DDA Datasheet HTML 1Page - Texas Instruments TPS92511DDA Datasheet HTML 2Page - Texas Instruments TPS92511DDA Datasheet HTML 3Page - Texas Instruments TPS92511DDA Datasheet HTML 4Page - Texas Instruments TPS92511DDA Datasheet HTML 5Page - Texas Instruments TPS92511DDA Datasheet HTML 6Page - Texas Instruments TPS92511DDA Datasheet HTML 7Page - Texas Instruments TPS92511DDA Datasheet HTML 8Page - Texas Instruments TPS92511DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS92511
SNVS901A – MARCH 2014 – REVISED MAY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
Unless otherwise specified, TJ = TA = 25°C
MIN
NOM
MAX
UNIT
VIN to GND
–0.3
65
V
VIN to GND (Transient)
–0.3
67
V
LX to PGND
–0.3
65
V
Pin voltage range
LX to PGND (Transient)
–3(2ns)
67
V
FS, IADJ to GND
–0.3
5
V
DIM to GND
–0.3
6
V
VCC to GND
–0.3
7
V
Internally
Temperature range
Operating junction temperature range, TJ
–40
°C
limited
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specified specifications and test conditions, see the Electrical Characteristics.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
VESD
(1)
Human Body Model (HBM) ESD stress voltage (2)
1.5
kV
Charged Device Model (CDM) ESD stress voltage(3)
1.5
kV
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply voltage range
4.5
65
V
TA
Operating free air temperature
–40
125
°C
TJ
Operating junction temperature
-40
125
°C
6.4 Thermal Information
TPS92511
THERMAL METRIC(1)
DDA
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
59.9
RθJCtop
Junction-to-case (top) thermal resistance
59.1
RθJB
Junction-to-board thermal resistance
30.6
°C/W
ψJT
Junction-to-top characterization parameter
11.0
ψJB
Junction-to-board characterization parameter
30.5
RθJCbot
Junction-to-case (bottom) thermal resistance
4.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS92511


Similar Part No. - TPS92511DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92511DDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com