Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92512 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92512
Description  2.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92512 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92512 Datasheet HTML 5Page - Texas Instruments TPS92512 Datasheet HTML 6Page - Texas Instruments TPS92512 Datasheet HTML 7Page - Texas Instruments TPS92512 Datasheet HTML 8Page - Texas Instruments TPS92512 Datasheet HTML 9Page - Texas Instruments TPS92512 Datasheet HTML 10Page - Texas Instruments TPS92512 Datasheet HTML 11Page - Texas Instruments TPS92512 Datasheet HTML 12Page - Texas Instruments TPS92512 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
3
UVLO
1. 22 V
2. 9µ A
1µ A
4
PDIM
6
7
8
ISENSE
IADJ
Error
Amplifier
COMP
S
Slope
Compensation
+
-
1
2
9
10
GND
PH
BOOT
VIN
BOOT
Charge
BOOT
UVLO
Logic and
PWM Latch
Oscillator
with PLL
VIN
UVLO
Thermal
Shutdown
Shutdown
Logic
Current
Sense
PWM
Comparator
5
RT / CLK
S
R
R
R
Q
COMP
Clamp
1 .34 V
+
+
+
+
COMP S / H
1/6
1µ A
10k
1.8V
TPS92512, TPS92512HV
www.ti.com
SLVSCT1B – FEBRUARY 2015 – REVISED APRIL 2015
8 Detailed Description
8.1 Overview
The TPS92512 is a high voltage, up to 2.5-A, step-down (buck) regulator with an integrated high-side N-channel
MOSFET. To improve performance during line and load transients the device implements a constant frequency,
peak-current mode control which reduces output capacitance and simplifies external frequency compensation
design. The wide switching frequency of 100 kHz to 2000 kHz allows for efficiency and size optimization when
selecting the output filter components.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Undervoltage Lockout and Low Power Shutdown (UVLO Pin)
The TPS92512 contains an internal under-voltage lockout circuit on the VIN pin of the device. However, this
internal UVLO is for device protection only and does not contain hysteresis. The UVLO pin of the device should
always be used to set the minimum VIN voltage that the circuit operates at. This level should be set using the
minimum input voltage expected for the application with a minimum setting of 4.5 V.
The UVLO pin has an internal pull-up current source of 1 µA (I1) that will provide a default ON state in the event
the UVLO pin is left floating (not recommended). When the UVLO pin voltage exceeds 1.22 V (VEN), an
additional 2.9 µA of hysteresis current is added (see Figure 11). This additional current provides the input voltage
hysteresis. Use Equation 1 to set the external hysteresis (VHYS) for the input voltage. Use Equation 2 to set the
input rising start voltage, VSTART. When the UVLO pin is pulled low, the internal regulators are shut down, the
device enters a low-power shutdown mode and the compensation capacitor on the COMP pin, CCOMP, is
discharged.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92512 TPS92512HV


Similar Part No. - TPS92512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92513 TI1-TPS92513 Datasheet
1Mb / 30P
[Old version datasheet]   1.5A Buck LED Driver with Integrated Analog Current Adjust
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Intersil Corporation
ISL78206AVEZ INTERSIL-ISL78206AVEZ Datasheet
766Kb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
March 25, 2015
logo
Renesas Technology Corp
ISL78206 RENESAS-ISL78206 Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com