Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92630-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92630-Q1
Description  Three-Channel Linear LED Driver With Analog and PWM Dimming
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92630-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92630-Q1 Datasheet HTML 5Page - Texas Instruments TPS92630-Q1 Datasheet HTML 6Page - Texas Instruments TPS92630-Q1 Datasheet HTML 7Page - Texas Instruments TPS92630-Q1 Datasheet HTML 8Page - Texas Instruments TPS92630-Q1 Datasheet HTML 9Page - Texas Instruments TPS92630-Q1 Datasheet HTML 10Page - Texas Instruments TPS92630-Q1 Datasheet HTML 11Page - Texas Instruments TPS92630-Q1 Datasheet HTML 12Page - Texas Instruments TPS92630-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
149.6
149.7
149.8
149.9
150
150.1
150.2
150.3
150.4
150.5
D009
IOUT CH1
IOUT CH2
IOUT CH3
Junction Temperature (GC)
80
100
120
140
160
180
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D010
TPS92630-Q1, TPS92631-Q1
www.ti.com
SLVSC76B – FEBRUARY 2014 – REVISED JANUARY 2015
Typical Characteristics (continued)
I(setting)= 150 mA
V(VIN) = 14 V
A
Figure 7. Output Current vs Ambient Temperature
Figure 8. Reference Voltage vs Junction Temperature With
Thermal Foldback
Ch. 1 = PWM input
Ch. 2 = IOUT1
Ch. 3 = IOUT2
Ch. 1 = PWM input
Ch. 2 = IOUT1
Ch. 3 = IOUT2
Ch. 4 = IOUT3
f(PWM) = 200 Hz
Duty cycle = 10%
Ch. 4 = IOUT3
f(PWM) = 200 Hz
Duty cycle = 50%
Figure 9. PWM Dimming
Figure 10. PWM Dimming
Ch. 1 = PWM input
Ch. 2 = IOUT1
Ch. 3 = IOUT2
Ch. 1 = PWM input
Ch. 2 = IOUT1
Ch. 3 = IOUT2
Ch. 4 = IOUT3
f(PWM) = 200 Hz
Duty cycle = 90%
Ch. 4 = IOUT3
f(PWM) = 2000 Hz
Duty cycle = 10%
Figure 11. PWM Dimming
Figure 12. PWM Dimming
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92630-Q1 TPS92631-Q1


Similar Part No. - TPS92630-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92633 TI-TPS92633 Datasheet
5Mb / 48P
[Old version datasheet]   TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
TPS92633-Q1 TI-TPS92633-Q1 Datasheet
4Mb / 45P
[Old version datasheet]   TPS92633-Q1 Three-Channel Automotive High-Side LED Driver with Thermal Sharing and Off-Board Binning
TPS92633-Q1 TI-TPS92633-Q1 Datasheet
5Mb / 48P
[Old version datasheet]   TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
TPS92633MPWPR TI-TPS92633MPWPR Datasheet
5Mb / 48P
[Old version datasheet]   TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
TPS92633QPWPRQ1 TI-TPS92633QPWPRQ1 Datasheet
4Mb / 45P
[Old version datasheet]   TPS92633-Q1 Three-Channel Automotive High-Side LED Driver with Thermal Sharing and Off-Board Binning
More results

Similar Description - TPS92630-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
logo
Texas Instruments
TPS92638-Q1 TI-TPS92638-Q1_15 Datasheet
4Mb / 39P
[Old version datasheet]   TPS92638-Q1 8-Channel Linear LED Driver With PWM Dimming
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Diodes Incorporated
AL1783 DIODES-AL1783 Datasheet
616Kb / 14P
   60V THREE INDEPENDENT PWM CHANNEL LINEAR LED DRIVER
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
   Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com