Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92602A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS92602A-Q1
Description  Single- and Dual-Channel Automotive Headlight LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92602A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92602A-Q1 Datasheet HTML 2Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 3Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 4Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 5Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 6Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 7Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 8Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 9Page - Texas Instruments TPS92602A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 150°C, VVDD = 12 VDC, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GATE DRIVER SUPPLY VCC
V(VCC)
Output voltage
VIN > 6 V
5.5
6.6
7.4
V
V(VCC_dr)
Drop-out voltage
4 V < VIN < 8 V, I(VCC) < 50 mA
400
mV
C(VCC)
VCC buffer capacitance
2.2
10
20
µF
I(VCC)
Output current (only for internal usage)
80
mA
I(VCC_LIM)
Current limit
VCC shorted to ground
150
220
mA
GATE DRIVER – LOW-SIDE BOOST NMOS-FET
Gate-source voltage to switch on boost NMOS
VGS(NMOS)
NMOS gate-source voltage
5.5
6.6
7.4
V
FET. Depends on VCC
D(MAX)
Maximum duty cycle
93.8%
tr(NMOS)
Gate driver rising
VCC = 6.6 V, no load
22
ns
tf(NMOS)
Gate driver falling
VCC = 6 V, no load
8.5
ns
rDS(on)(Source,Nmos)
Gate driver resistance, sourcing
VCC = 6.6 V, 100-mA load
2.5
4
Ω
rDS(on)(Sink,Nmos)
Gate driver resistance, sinking
VCC = 6.6 V, 100-mA load
2.5
4
Ω
CURRENT LIMIT – NMOS FET
Voltage limit threshold across sense-
V(ISNSx)
83
100
115
mV
current resistor
t(ISNSx)
Leading edge blanking
200
ns
I(ISNSx)
Current on ISNSx
40
50
65
µA
A(PS)
VC current-mode gain (
ΔVvc / ΔVsns)
4
V/V
GATE DRIVER – HIGH-SIDE PWM PMOS-FET
I(PWMOx_Source)
Peak source current
V(OUT) – V(PWMOx) = 6.5 V, V(OUT) = 40 V
150
mA
I(PWMOx_Sink)
Peak sink current
V(OUT) – V(PWMOx) = 0 V, V(OUT) = 40 V
10
mA
V(PWMOx)
Output voltage
4
75
V
VGS(PMOS)
PMOS gate-source voltage
PWMx = high, V(OUT) = 40 V
6
6.9
8
V
Sufficient gate-source voltage to switch on the
VGS(NMOS)
NMOS gate-source voltage
5.5
6.6
7.4
V
NMOS FET; this depends on VCC.
tr(PMOS)
HS gate driver rising
No load
1
µs
tf(PMOS)
HS gate driver falling
No load
3
µs
PWM DIMMING
f(PWMIN)
Dimming frequency
See PWM dimming section
0.2
2
kHz
V(thLOW)
Logic low
Switch off PMOS dimming FET (low below)
0.8
V
V(thHIGH)
Logic high
Switch on PMOS dimming FET (high above)
2
V
R(PWMIN_pd)
Pulldown resistance at PWMINx pin
90
120
150
k
Ω
PWMIN to LED turnoff time
80
ns
PWMIN to LED turnon time
60
ns
INTERNAL PLL OSCILLATOR
f(OSC)
Oscillator range
100
600
kHz
RT: 20-k
Ω resistor. See Equation 2 and Figure 3
Δf(OSC)
Oscillator accuracy
–20%
20%
for f(OSC) vs RT
f(EXT)
Ext. synchronization
100
600
kHz
t(CLKpw)
Minimum clock input pulse duration
70
ns
V(RTthLO)
RT low voltage
0.8
V
V(RTthHI)
RT high voltage
2
V
t(RTdelay)
RT rising edge to GDRV1 rising edge
35
ns
t(PLLlock)
PLL lock-in time
200
µs
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Similar Part No. - TPS92602A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92602A-Q1 TI1-TPS92602A-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92602A-Q1(2) TI-TPS92602A-Q1(2) Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
More results

Similar Description - TPS92602A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com