Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-RFE-CU0V0BB2 Datasheet(PDF) 4 Page - Cree, Inc

Part # C566C-RFE-CU0V0BB2
Description  Cree Screen Master 5-mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-RFE-CU0V0BB2 Datasheet(HTML) 4 Page - Cree, Inc

  C566C-RFE-CU0V0BB2 Datasheet HTML 1Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 2Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 3Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 4Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 5Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 6Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 7Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 8Page - Cree, Inc C566C-RFE-CU0V0BB2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 5-mm Oval LED
C566C-RFF/GFF/BFF/AFF
C566C-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Red
C566C-RFF-CU0W0BB1
1520
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFF-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
Yes
Red
C566C-RFF-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFE-CU0W0BB1
1520
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFE-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
No
Red
C566C-RFE-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFF-CU0W0BB2
1520
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFF-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
Yes
Red
C566C-RFF-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFE-CU0W0BB2
1520
4180
RB
619
RB
624
Ammo
No
Red
C566C-RFE-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
No
Red
C566C-RFE-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
No
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Green
C566C-GFF-CX0Z0791
4180
12000
G7
520
G9
535
Bulk
Yes
Green
C566C-GFF-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
Yes
Green
C566C-GFF-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
Yes
Green
C566C-GFF-CY0Z0781
5860
12000
G7
520
G8
530
Bulk
Yes
Green
C566C-GFF-CY0Z0891
5860
12000
G8
525
G9
535
Bulk
Yes
Green
C566C-GFE-CX0Z0791
4180
12000
G7
520
G9
535
Bulk
No
Green
C566C-GFE-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
No
Green
C566C-GFE-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
No
Green
C566C-GFE-CY0Z0781
5860
12000
G7
520
G8
530
Bulk
No
Green
C566C-GFE-CY0Z0891
5860
12000
G8
525
G9
535
Bulk
No
Green
C566C-GFF-CX0Z0792
4180
12000
G7
520
G9
535
Ammo
Yes
Green
C566C-GFF-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
Yes
Green
C566C-GFF-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
Yes
Green
C566C-GFF-CY0Z0782
5860
12000
G7
520
G8
530
Ammo
Yes
Green
C566C-GFF-CY0Z0892
5860
12000
G8
525
G9
535
Ammo
Yes
Green
C566C-GFE-CX0Z0792
4180
12000
G7
520
G9
535
Ammo
No
Green
C566C-GFE-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
No
Green
C566C-GFE-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
No
Green
C566C-GFE-CY0Z0782
5860
12000
G7
520
G8
530
Ammo
No
Green
C566C-GFE-CY0Z0892
5860
12000
G8
525
G9
535
Ammo
No


Similar Part No. - C566C-RFE-CU0V0BB2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFN CREE-C566C-RFN Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFN-CT0W0BB1 CREE-C566C-RFN-CT0W0BB1 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Marktech Corporate
C566C-RFN-CT0W0BB1 MARKTECH-C566C-RFN-CT0W0BB1 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
logo
Cree, Inc
C566C-RFN-CT0W0BB2 CREE-C566C-RFN-CT0W0BB2 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Marktech Corporate
C566C-RFN-CT0W0BB2 MARKTECH-C566C-RFN-CT0W0BB2 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-RFE-CU0V0BB2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com