Electronic Components Datasheet Search |
|
C566D-BFF-CU14Q4S2 Datasheet(PDF) 2 Page - Cree, Inc |
|
C566D-BFF-CU14Q4S2 Datasheet(HTML) 2 Page - Cree, Inc |
2 / 12 page Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 2 Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 2 Cree 5-mm Oval LED C566D-RFF/GFF/BFF/AFF C566D-RFE/GFE/BFE/AFE ABSOLUTE MAXIMUM RATINGS (T A = 25°C) Items Symbol Absolute Maximum Rating Unit Red and Amber Blue and Green Forward Current I F 50 Note1 35 mA Peak Forward Current Note2 I FP 200 100 mA Reverse Voltage V R 5 5 V Power Dissipation P D 130 140 mW Operation Temperature T opr -40 ~ +95 °C Storage Temperature T stg -40 ~ +100 °C Lead Soldering Temperature T sol Max. 260°C for 3 sec. max. (3 mm from the base of the epoxy bulb) Electrostatic Discharge Classification (MIL-STD-883E) ESD Class 2 Note: 1. For long term performance the drive currents between 10mA and 30mA are recommended. Please contact CREE sales representative for more information on recommended drive conditions. 2. Pulse width ≤0.1 msec, duty ≤1/10. TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T A = 25°C) Characteristics Color Symbol Condition Unit Minimum Typical Maximum Forward Voltage Red/Amber V F I F = 20 mA V 2.1 2.6 Blue/Green V F I F = 20 mA V 3.4 4.0 Reverse Current Red/Amber I R V R = 5 V μA 100 Blue/Green I R V R = 5 V μA 100 Dominant Wavelength Red λ D I F = 20 mA nm 619 621 624 Green λ D I F = 20 mA nm 520 527 535 Blue λ D I F = 20 mA nm 460 470 475 Amber λ D I F = 20 mA nm 584 591 596 Luminous Intensity Red I V I F = 20 mA mcd 2130 3000 Green I V I F = 20 mA mcd 4180 7000 Blue I V I F = 20 mA mcd 1100 2000 Amber I V I F = 20 mA mcd 2130 3000 |
Similar Part No. - C566D-BFF-CU14Q4S2 |
|
Similar Description - C566D-BFF-CU14Q4S2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |