Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603X7R Datasheet(PDF) 3 Page - Texas Instruments

Part # C0603X7R
Description  LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C0603X7R Datasheet(HTML) 3 Page - Texas Instruments

  C0603X7R Datasheet HTML 1Page - Texas Instruments C0603X7R Datasheet HTML 2Page - Texas Instruments C0603X7R Datasheet HTML 3Page - Texas Instruments C0603X7R Datasheet HTML 4Page - Texas Instruments C0603X7R Datasheet HTML 5Page - Texas Instruments C0603X7R Datasheet HTML 6Page - Texas Instruments C0603X7R Datasheet HTML 7Page - Texas Instruments C0603X7R Datasheet HTML 8Page - Texas Instruments C0603X7R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TRF2050
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
SLWS030E– JUNE 1996 – REVISED OCTOBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AUXIN
10
I
Auxiliary channel RF input
CLOCK
1
I
Serial interface clock signal
DATA
2
I
Serial interface data signal
LOCK/
TEST
18
O
Lock detector/test mode output
PHA
11
O
Auxiliary charge pump output
PHI
13
O
Integral charge pump output
PHP
14
O
Proportional charge pump output
RFIN
5
I
Prescaler positive RF input
RFIN
6
I
Prescaler negative RF input
REFIN
8
I
Reference frequency input signal
RA
9
I
Resistor to VSSA sets auxiliary charge pump reference current
RN
16
I
Resistor to VSSA sets proportional and integral charge pump reference current
RF
17
I
Resistor to VSSA sets compensation charge pump reference current
STROBE
3
I
Serial interface strobe signal
TSETUP
19
I
Test setup for pin 18. For lock detect output, pin 19 connects to VCC through a pullup resistor; for test mode output,
pin 19 terminates to ground.
VCCP
7
Prescaler positive supply voltage
VDD
20
Digital supply voltage
VDDA
15
Analog supply voltage
VSS
4
Digital ground
VSSA
12
Analog ground
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCCP, VDD, VDDA (see Note 1)
– 0.6 V to 5.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, logic signals
– 0.6 V to 5.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–55
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to VSSA.


Similar Part No. - C0603X7R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603X7R0G010BTXXXX TDK-C0603X7R0G010BTXXXX Datasheet
1Mb / 72P
   General Application
C0603X7R0G010WTXXXX TDK-C0603X7R0G010WTXXXX Datasheet
1Mb / 72P
   General Application
C0603X7R0G0R5BTXXXX TDK-C0603X7R0G0R5BTXXXX Datasheet
1Mb / 72P
   General Application
C0603X7R0G0R5WTXXXX TDK-C0603X7R0G0R5WTXXXX Datasheet
1Mb / 72P
   General Application
C0603X7R0G102BTXXXX TDK-C0603X7R0G102BTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C0603X7R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com