Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VER36 Datasheet(PDF) 3 Page - XP Power Limited

Part # VER36
Description  VER36 Series AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VER36 Datasheet(HTML) 3 Page - XP Power Limited

  VER36 Datasheet HTML 1Page - XP Power Limited VER36 Datasheet HTML 2Page - XP Power Limited VER36 Datasheet HTML 3Page - XP Power Limited VER36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER36 Series
www.xppower.com
AC-DC Power Supplies
3
Mechanical Details
VER36US
AC Input Plugs
UK Plug
US Plug
AU Plug
EU Plug
3.72 (94.5)
1.71
(43.49)
1.85
(47.0)
1.73
(44.0)
1.96 (50.0)
0.25
(6.3)
0.15
(3.93)
70°
0.89
(22.7)
0.87 (22.23)
0.87
(22.23)
0.31
(7.95)
1.40
(35.7)
60°
2.20 (56.0)
0.66 (17.0)
0.35 (9.0)
1.58
(40.38)
0.66 (17.0)
0.24 (6.3)
0.06 (1.6)
0.31 (7.92)
1.43 (36.5)
0.47
(12.0)
0.63 (16.1)
0.05 (1.5)
0.5 (12.7)
0.54 (13.7)
0.24
(6.30)
1.17
(29.8)
1.41
(35.9)
0.74 (19.0)
0.71 (18.2)
0.74 (19.0)
0.15ø
(4.00ø)
1.02
(26.1)
0.15
(4.00)
0.55
(14.0)
0.14ø
(3.8ø)
1.43
(36.5)
1.11
(28.2)
0.68 (17.5)
0.73 (18.6)


Similar Part No. - VER36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VER05 XPPOWER-VER05 Datasheet
710Kb / 5P
   AC-DC Power Supplies
VER05US050-BB XPPOWER-VER05US050-BB Datasheet
710Kb / 5P
   AC-DC Power Supplies
VER05US050-JA XPPOWER-VER05US050-JA Datasheet
710Kb / 5P
   AC-DC Power Supplies
VER05US050-MB XPPOWER-VER05US050-MB Datasheet
710Kb / 5P
   AC-DC Power Supplies
VER05US050-UB XPPOWER-VER05US050-UB Datasheet
710Kb / 5P
   AC-DC Power Supplies
More results

Similar Description - VER36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com