Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF51801ELV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLF51801ELV
Description  10 A synchronous DC/DC Step-Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF51801ELV Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLF51801ELV Datasheet HTML 1Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 2Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 3Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 4Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 5Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 6Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 7Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 8Page - Infineon Technologies AG TLF51801ELV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TLF51801ELV
Pin Configuration
Data sheet
5
Rev. 1.0.1, 2013-04-15
11
UG
Up-side MOSFET driver output
Driving output for the high-side external power MOSFET, connect to gate
12
BTS
Buck Driver Supply Input
Connect the bootstrap capacitor between this pin and pin BUO
13
sense
low
Current sensing (low-side) input
For Shunt-configuration connect a shunt resistor from senselow to input/battery voltage, for
Rdson-configuration connect to source of the high-side MOSFET
14
sense
high
Current sensing (high-side) input
Connect a resistor between battery and this pin to adjust the current threshold for both Rdson
and Shunt configurations
Exposed Pad
Connect to heatsink area and GND by low inductance wiring
Pin
Symbol Function


Similar Part No. - TLF51801ELV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50201EL INFINEON-TLF50201EL Datasheet
808Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50201ELV50 INFINEON-TLF50201ELV50 Datasheet
808Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50211ELV50 INFINEON-TLF50211ELV50 Datasheet
833Kb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

Similar Description - TLF51801ELV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com