Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3016B Datasheet(PDF) 2 Page - America Semiconductor, LLC

Part # 1N3016B
Description  1 Watt Metal Case Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N3016B Datasheet(HTML) 2 Page - America Semiconductor, LLC

  1N3016B Datasheet HTML 1Page - America Semiconductor, LLC 1N3016B Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N3016B to 1N3051B
1 Watt Metal Case Zener Diodes
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 2 of 2
Revised 06/2013
ELECTRICAL CHARACTERISTICS


Similar Part No. - 1N3016B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3016B NJSEMI-1N3016B Datasheet
77Kb / 1P
   Ref/Reg Diode, P(D) = 1W
1N3016B NJSEMI-1N3016B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results

Similar Description - 1N3016B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
JAN1N3024B-1 MICROSEMI-JAN1N3024B-1 Datasheet
280Kb / 5P
   1 Watt Glass Case Zener Diodes
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com