Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M660-01-BK Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M660-01-BK
Description  Voltage Controlled SAW Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M660-01-BK Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M660-01-BK Datasheet HTML 1Page - Integrated Circuit Systems M660-01-BK Datasheet HTML 2Page - Integrated Circuit Systems M660-01-BK Datasheet HTML 3Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
Integrated Circuit Systems
M660-01
Advance Information
Specifications @ Vcc = +3.3 Volts, Vee = 0 Volts, and Ta = +25°C unless otherwise specified
PARAMETER
Min
Typ
Max
Units
Output Frequency
125
175
MHz
VCO Gain
KVCO
210
ppm/V
Absolute Pull Range
±50
ppm
Duty Cycle
45
55
%
Spurious Suppression
-50
-70
dBc
Linearity3
8%
Logic Levels
Vol1
Vcc -2.0
Vcc -1.7
Volts
Voh2
Vcc -1.4
Vcc -1.0
Volts
VOUT P-P
700
mV
Input Control Voltage (Vc) Range
0
Vcc
Volts
Vc Input Impedance
100
kΩ
Vc Modulation BW
500
kHz
Frequency Select (Pin 2)
2.0
Vcc +0.3
Volts
Frequency Select (Pin 2)
-0.3
0.8
Volts
Output Rise Time2
300
400
psec
Output Fall Time2
300
400
psec
Jitter @ 155.520MHz offset from carrier
12kHz to 20MHz
0.63
psec rms
Phase Noise (offset from carrier)
100Hz
-58
dBc/Hz
1kHz
-85
dBc/Hz
10kHz
-110
dBc/Hz
100kHz
-134
dBc/Hz
Operating Temperature
-40
25
+85
°C
Supply Current4
Icc
80
100
mA
Supply Voltage
Vcc
3.135
3.3
3.465
V
Notes: 1. Output levels are standard 100K ECL compatible.
2. Transition times are measured from 20% to 80%.
3. Vin= 0.3V to 3.0V. Best fit straight line.
4. Includes 150Ω load resisters on both FOUT & nFOUT outputs.
5. Output terminated with 50Ω to Vcc -2.0V.
6. Internally pulled down to logic "0" (Frequency 1) if left unconnected.
SPECIFICATIONS


Similar Part No. - M660-01-BK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02-AA ICST-M660-02-AA Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02-AB ICST-M660-02-AB Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02-AC ICST-M660-02-AC Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02-AD ICST-M660-02-AD Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
More results

Similar Description - M660-01-BK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com