Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIH50F300 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AIH50F300
Description  Total Power: 250 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AIH50F300 Datasheet(HTML) 2 Page - Artesyn Technologies

  AIH50F300 Datasheet HTML 1Page - Artesyn Technologies AIH50F300 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AIH Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
Environmental Specifications
Operating temperature
-20 °C to +100 °C (case temperature)
Startup temperature
-40 °C to +100 °C (case temperature)
Storage temperature
-40 °C to +100 °C
Overtemperature protection
120 °C max
MTBF
1M hours (Demonstrated)
Ordering Information
Input Voltage
Output Voltage
Efficiency
Model Number
300 V
1.8 V @ 50 A
80% (Typ)
AIH50Y300
300 V
3.3 V @ 50 A
82% (Typ)
AIH50F300
300 V
5.0 V @ 40 A
88% (Typ)
AIH40A300
300 V
12 V @ 20.8 A
86% (Typ)
AIH20B300
300 V
15 V @ 16.6 A
90% (Typ)
AIH16C300
300 V
24 V @ 10.4 A
90% (Typ)
AIH10H300
1. For Negative enable add suffix “N”.
2. Fon Non-thread hole, add suffix “-NT”.
3. Fon RoHS 6, add suffix “-L”. Default is RoHS 5.
Pin Assignments
Input
Output
Control Pins
31. Positive
22. Positive
1. +Sense
32. Negative
23. Positive
2. Temp Mon
24. Positive
3. C Mon
27. Negative
4. C Share
28. Negative
5. SDA
29. Negative
6. SCL
7. CLK IN
8. V Adj
9. Enable
10. -Sense
Mechanical Drawings
AIH Series-DS 24Mar2015


Similar Part No. - AIH50F300

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIH50F300 ASTEC-AIH50F300 Datasheet
115Kb / 2P
   250 Watts
logo
Emerson Network Power
AIH50F300 EMERSON-NETWORKPOWER-AIH50F300 Datasheet
139Kb / 2P
   250W Continuous power at 100째C baseplate temperature
logo
Artesyn Technologies
AIH50F300 ARTESYN-AIH50F300 Datasheet
454Kb / 2P
   Positive and Negative enable function
More results

Similar Description - AIH50F300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ252-C ARTESYN-LPQ252-C Datasheet
704Kb / 4P
   Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
   Total Power: 250 Watts
LPS202-M ARTESYN-LPS202-M Datasheet
725Kb / 3P
   Total Power: 125 - 250 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com