Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30A60CTBQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR30A60CTBQ
Description  Reduced high temperature reverse leakage; increased reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A60CTBQ Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR30A60CTBQ Datasheet HTML 1Page - Diodes Incorporated SBR30A60CTBQ Datasheet HTML 2Page - Diodes Incorporated SBR30A60CTBQ Datasheet HTML 3Page - Diodes Incorporated SBR30A60CTBQ Datasheet HTML 4Page - Diodes Incorporated SBR30A60CTBQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30A60CTBQ
Document number: DS36092 Rev. 3 - 2
1 of 5
www.diodes.com
June 2013
© Diodes Incorporated
SBR30A60CTBQ
30A SBR
®
SUPER BARRIER RECTIFIER
Product Summary
Description and Applications
This Super Barrier Rectifier (SBR) diode has been designed to meet the
stringent requirements of Automotive Applications. It is ideally suited to
use as :
Polarity Protection Diode
Re-circulating Diode
Switching Diode
VRRM (V)
IO (A)
VF MAX(V)
@+25°C
IR MAX (mA)
@+25°C
60
30
0.63
0.33
Features and Benefits
100% Avalanche Tested
Patented SBR technology provides a superior avalanche
capability than schottky diodes ensuring more rugged and
reliable end applications.
Reduced ultra-low forward voltage drop (VF); better efficiency and
cooler operation.
Reduced high temperature reverse leakage; increased reliability
against thermal runaway failure in high temperature operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO263 (D
2PAK)
Case Material: Molded Plastic, “Green” Molding compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: 1.6 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
SBR30A60CTBQ-13
Automotive
TO263
800/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Top View
Package Pin-Out
Configuration
TO263
SBR30A60CTB = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
YYWW AB
30A60CTB
SBR
 
Green


Similar Part No. - SBR30A60CTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CTBQ DIODES-SBR30A60CTBQ_15 Datasheet
242Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
More results

Similar Description - SBR30A60CTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1045D1Q DIODES-SBR1045D1Q Datasheet
126Kb / 5P
   Reduced high temperature reverse leakage; increased reliability
SBR660CTLQ DIODES-SBR660CTLQ Datasheet
239Kb / 5P
   Reduced high temperature reverse leakage; Increased reliability
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com