Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR660CTLQ-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR660CTLQ-13
Description  Reduced high temperature reverse leakage; Increased reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR660CTLQ-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR660CTLQ-13 Datasheet HTML 1Page - Diodes Incorporated SBR660CTLQ-13 Datasheet HTML 2Page - Diodes Incorporated SBR660CTLQ-13 Datasheet HTML 3Page - Diodes Incorporated SBR660CTLQ-13 Datasheet HTML 4Page - Diodes Incorporated SBR660CTLQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR660CTLQ
Document number: DS36093 Rev. 2 - 2
1 of 5
www.diodes.com
October 2013
© Diodes Incorporated
SBR660CTLQ
6A SBR
®
SUPER BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF max (V)
@+25°C
IR max (mA)
@+25°C
60
6
0.57
0.3
Description and Applications
This Super Barrier Rectifier (SBR) diode has been designed to meet
the stringent requirements of Automotive Applications. It is ideally
suited to use as :
DC – DC Converters
DC/AC Inverters
AC/DC Power Supplies
Features
100% Avalanche Tested.
Patented SBR technology provides a superior avalanche
capability than schottky diodes ensuring more rugged and
reliable end applications
Reduced ultra-low forward voltage drop (VF); better efficiency
and cooler operation.
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: 0.33 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
SBR660CTLQ-13
Automotive
TO252 (DPAK)
2500 pieces/reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
2
1
3
SBR660CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
Package Configuration
TO252
Green
YYWW AB
660CT
SBR


Similar Part No. - SBR660CTLQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR660CTLQ DIODES-SBR660CTLQ_15 Datasheet
239Kb / 5P
   SUPER BARRIER RECTIFIER 6A SBR짰
More results

Similar Description - SBR660CTLQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1045D1Q DIODES-SBR1045D1Q Datasheet
126Kb / 5P
   Reduced high temperature reverse leakage; increased reliability
SBR30A60CTBQ DIODES-SBR30A60CTBQ Datasheet
242Kb / 5P
   Reduced high temperature reverse leakage; increased reliability
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com