Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90662APFM Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90662APFM
Description  16-bit Proprietary Microcontroller CMOS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90662APFM Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90662APFM Datasheet HTML 3Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 4Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 5Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 6Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 7Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 8Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 9Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 10Page - Fujitsu Component Limited. MB90662APFM Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
7
MB90660A Series
(Continued)
*1: DIP-64P-M01
*2: FPT-64P-M09
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
LQFP*2
5
61
P42
E
(CMOS/H)
General-purpose I/O port.
This function is activated when the clock output specification
of the UART is “disabled”.
SCK
UART clock I/O pin.
This function is activated when the clock output specification
of the UART is “enabled”.
Input is used only as necessary while serving as UART input.
It is therefore necessary to stop output beforehand using other
functions unless intentionally used otherwise.
6
62
P43
E
(CMOS/H)
General-purpose I/O port.
This function is activated when the output specification of the
PWM is “disabled”.
PWM
PWM timer output pin.
This function is activated when the waveform output specifica-
tion of the PWM timer is “enabled”.
7
8
63
64
P44 to P45
D
(CMOS/H)
General-purpose I/O ports.
This function is always active.
INT0 to INT1
External interrupt request input pins.
Input is used only as necessary while external interrupts are
enabled.
9
1
P46
D
(CMOS/H)
General-purpose input port.
This function is always active.
INT2
External interrupt request input pin.
Input is used only as necessary while external interrupts are
enabled.
TRG
Timer clear trigger input pin for multi-function timer.
Input is used only as necessary while multi-function timer
input is enabled.
10
2
P47
D
(CMOS/H)
General-purpose input port.
This function is always active.
INT3
External interrupt request input pin.
Input is used only as necessary while external interrupts are
enabled.
ATG
Trigger input pin for the A/D converter.
Input is used only as necessary while the A/D converter is
performing input.
11 to 18
3 to 10
P50 to P57
C
(AD)
Open-drain type I/O ports.
This function is enabled when the analog input enable register
specification is “port”.
AN0 to AN7
Analog input pins for the A/D converter.
This function is enabled when the analog input enable register
specification is “AD”.


Similar Part No. - MB90662APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90662APFM FUJITSU-MB90662APFM Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90662APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com