Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLX6B-FKC Datasheet(PDF) 7 Page - Cree, Inc

Part # CLX6B-FKC
Description  PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6B-FKC Datasheet(HTML) 7 Page - Cree, Inc

Back Button CLX6B-FKC Datasheet HTML 3Page - Cree, Inc CLX6B-FKC Datasheet HTML 4Page - Cree, Inc CLX6B-FKC Datasheet HTML 5Page - Cree, Inc CLX6B-FKC Datasheet HTML 6Page - Cree, Inc CLX6B-FKC Datasheet HTML 7Page - Cree, Inc CLX6B-FKC Datasheet HTML 8Page - Cree, Inc CLX6B-FKC Datasheet HTML 9Page - Cree, Inc CLX6B-FKC Datasheet HTML 10Page - Cree, Inc CLX6B-FKC Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree PLCC6 3 in 1 SMD LED
CLX6B-FKC
MECHANICAL DIMENSIONS
All dimensions are in mm.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - CLX6B-FKC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJ1N1F1BB7D3D3 CREE-CLX6A-FKB-CJ1N1F1BB7D3D3 Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB-CJ1N1F1BB7D3D3 CREE-CLX6A-FKB-CJ1N1F1BB7D3D3 Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJNNRFJBB7a363 CREE-CLX6A-FKB-CJNNRFJBB7a363 Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB-CJNNRFJBB7a363 CREE-CLX6A-FKB-CJNNRFJBB7a363 Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
More results

Similar Description - CLX6B-FKC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com