Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet(PDF) 8 Page - Cree, Inc

Part # SLV6A-FKB-CM1Q1H1BB7R3R3
Description  PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet(HTML) 8 Page - Cree, Inc

Back Button SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 3Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 4Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 5Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 6Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 7Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 8Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 9Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 10Page - Cree, Inc SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree PLCC6 3 in 1 SMD LED
SLV6A-FKB
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and
brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED Lamp
Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:


Similar Part No. - SLV6A-FKB-CM1Q1H1BB7R3R3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
SLV6D-FKB-CK1N1E1BB7D3D3 CREE-SLV6D-FKB-CK1N1E1BB7D3D3 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
SLV6D-FKB-CKNNQEHBB7a363 CREE-SLV6D-FKB-CKNNQEHBB7a363 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
SLV6D-FKB-CM1P1F1BB7D3D3 CREE-SLV6D-FKB-CM1P1F1BB7D3D3 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - SLV6A-FKB-CM1Q1H1BB7R3R3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com