Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1247 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1247
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1247 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1247 Datasheet HTML 7Page - National Semiconductor (TI) LM1247 Datasheet HTML 8Page - National Semiconductor (TI) LM1247 Datasheet HTML 9Page - National Semiconductor (TI) LM1247 Datasheet HTML 10Page - National Semiconductor (TI) LM1247 Datasheet HTML 11Page - National Semiconductor (TI) LM1247 Datasheet HTML 12Page - National Semiconductor (TI) LM1247 Datasheet HTML 13Page - National Semiconductor (TI) LM1247 Datasheet HTML 14Page - National Semiconductor (TI) LM1247 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Pin Descriptions and Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
19
20
21
Green Output
Red Output
Blue Output
These are the three video output pins. They are
intended to drive the LM246x family of cathode
drivers. Nominally, about 2V peak to peak will
produce 40V peak to peak of cathode drive.
22
ABL
The Automatic Beam Limiter input is biased to
the desired beam current limit by R
ABL and VBB
and normally keeps D
INT forward biased. When
the current resupplying the CRT capacitance
(averaged by C
ABL) exceeds this limit, then DINT
begins to turn off and the voltage at pin 22
begins to drop. The LM1247 then lowers the
gain of the three video channels until the beam
current reaches an equilibrium value.
23
CLAMP
This pin accepts either TTL or CMOS logic
levels. The internal switching threshold is
approximately one-half of V
CC. An external
series resistor, R
31, of about 1K is
recommended to avoid overdriving the input
devices. In any event, R
EXT must be large
enough to prevent the voltage at pin 23 from
going higher than V
CC or below GND.
24
H Flyback
Proper operation requires current reversal. R
H
should be large enough to limit the peak current
at pin 24 to about +4 ma during blanking, and
−500 µA during scan. C
17 is usually needed for
logic level inputs and should be large enough to
make the time constant, R
HC17 significantly
larger than the horizontal period. R
34 and C8 are
typically 300
Ω and 330 pF when the flyback
waveform has ringing and needs filtering. C
18
may be needed to filter extraneous noise and
can be up to 100 pF.
www.national.com
11


Similar Part No. - LM1247

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM1247

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com