Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G32FVT-3AGE2 Datasheet(PDF) 2 Page - Rohm

Part # BR24G32FVT-3AGE2
Description  I2C BUS EEPROM (2-Wire)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G32FVT-3AGE2 Datasheet(HTML) 2 Page - Rohm

  BR24G32FVT-3AGE2 Datasheet HTML 1Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 2Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 3Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 4Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 5Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 6Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 7Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 8Page - Rohm BR24G32FVT-3AGE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2/37
BR24G32-3A
©2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0R2R0G100050-1-2
31.Aug.2016 Rev.008
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Remark
Supply Voltage
VCC
-0.3 to +6.5
V
Permissible
Dissipation
Pd
0.45 (SOP8)
W
Derate by 4.5mW/°C when operating above Ta=25°C
0.45 (SOP-J8M)
Derate by 4.5mW/°C when operating above Ta=25°C
0.45 (SOP-J8)
Derate by 4.5mW/°C when operating above Ta=25°C
0.30 (SSOP-B8)
Derate by 3.0mW/°C when operating above Ta=25°C
0.33 (TSSOP-B8)
Derate by 3.3mW/°C when operating above Ta=25°C
0.33 (TSSOP-B8M)
Derate by 3.3mW/°C when operating above Ta=25°C
0.31 (TSSOP-B8J)
Derate by 3.1mW/°C when operating above Ta=25°C
0.31 (MSOP8)
Derate by 3.1mW/°C when operating above Ta=25°C
0.30 (VSON008X2030)
Derate by 3.0mW/°C when operating above Ta=25°C
0.80 (DIP-T8)
Derate by 8.0mW/°C when operating above Ta=25°C
0.21 (VMMP008Z1830)
Derate by 2.1mW/°C when operating above Ta=25°C
Storage Temperature
Tstg
-65 to +150
°C
Operating Temperature
Topr
-40 to +85
°C
Input Voltage /
Output Voltage
-0.3 to VCC+1.0
V
The Max value of Input Voltage/Output Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
Voltage/Output Voltage is not lower than -1.0V.
Junction
Temperature
Tjmax
150
°C
Junction temperature at the storage condition
Electrostatic discharge
voltage
(human body model)
VESD
-4000 to +4000
V
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the
absolute maximum ratings.
Memory Cell Characteristics (Ta=25°C, VCC=1.6V to 5.5V)
Parameter
Limit
Unit
Min
Typ
Max
Write Cycles (Note1)
1,000,000
-
-
Times
Data Retention (Note1)
40
-
-
Years
(Note1) Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Power Source Voltage
VCC
1.6 to 5.5
V
Input Voltage
VIN
0 to VCC
DC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, VCC =1.6V to 5.5V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Input High Voltage 1
VIH1
0.7VCC
-
VCC+1.0
V
1.7V
≤VCC≤5.5V
Input Low Voltage 1
VIL1
-0.3 (Note1)
-
+0.3VCC
V
1.7V
≤VCC≤5.5V
Input High Voltage 2
VIH2
0.8VCC
-
VCC+1.0
V
1.6V
≤VCC<1.7V
Input Low Voltage 2
VIL2
-0.3 (Note1)
-
+0.2VCC
V
1.6V
≤VCC<1.7V
Output Low Voltage 1
VOL1
-
-
0.4
V
IOL=3.0mA, 2.5V
≤VCC≤5.5V (SDA)
Output Low Voltage 2
VOL2
-
-
0.2
V
IOL=0.7mA, 1.6V
≤VCC<2.5V (SDA)
Input Leakage Current
ILI
-1
-
+1
μA
VIN=0 to VCC
Output Leakage Current
ILO
-1
-
+1
μA
VOUT=0 to VCC (SDA)
Supply Current (Write)
ICC1
-
-
2.0
mA
VCC=5.5V,fSCL=1MHz, tWR=5ms,
Byte write, Page write
Supply Current (Read)
ICC2
-
-
2.0
VCC=5.5V,fSCL=1MHz
Random read, current read,
sequential read
Standby Current
ISB
-
-
2.0
μA
VCC=5.5V, SDA, SCL=VCC
A0, A1, A2=GND,WP=GND
(Note1) When the pulse width is 50ns or less, it is -1.0V.


Similar Part No. - BR24G32FVT-3AGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32FVT-3GE2 ROHM-BR24G32FVT-3GE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G32FVT-3NE2 ROHM-BR24G32FVT-3NE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G32FVT-3AGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com