Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G128FVM-3A Datasheet(PDF) 10 Page - Rohm

Part # BR24G128FVM-3A
Description  I2C BUS EEPROM (2-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G128FVM-3A Datasheet(HTML) 10 Page - Rohm

Back Button BR24G128FVM-3A Datasheet HTML 6Page - Rohm BR24G128FVM-3A Datasheet HTML 7Page - Rohm BR24G128FVM-3A Datasheet HTML 8Page - Rohm BR24G128FVM-3A Datasheet HTML 9Page - Rohm BR24G128FVM-3A Datasheet HTML 10Page - Rohm BR24G128FVM-3A Datasheet HTML 11Page - Rohm BR24G128FVM-3A Datasheet HTML 12Page - Rohm BR24G128FVM-3A Datasheet HTML 13Page - Rohm BR24G128FVM-3A Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
.
10/36
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
18.Jun.2015 Rev.006
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Typical Performance Curves‐continued
Figure 16. Data Clock High Period vs Supply Voltage
Figure 17. Data Clock Low Period vs Supply Voltage
Figure 19. Start Condition Hold Time vs Supply Voltage
Figure18. SDA (OUTPUT) Fall Time vs Supply Voltage
0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.05
0.1
0.15
0.2
0.25
0.3
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G128FVM-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G128FVM-3A ROHM-BR24G128FVM-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128FVM-3A ROHM-BR24G128FVM-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM
BR24G128FVM-3AE2 ROHM-BR24G128FVM-3AE2 Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128FVM-3ATR ROHM-BR24G128FVM-3ATR Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G128FVM-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16-3A ROHM-BR24G16-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com