Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G66-3 Datasheet(PDF) 11 Page - Rohm

Part # BR93G66-3
Description  MicroWire BUS EEPROM (3-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G66-3 Datasheet(HTML) 11 Page - Rohm

Back Button BR93G66-3 Datasheet HTML 7Page - Rohm BR93G66-3 Datasheet HTML 8Page - Rohm BR93G66-3 Datasheet HTML 9Page - Rohm BR93G66-3 Datasheet HTML 10Page - Rohm BR93G66-3 Datasheet HTML 11Page - Rohm BR93G66-3 Datasheet HTML 12Page - Rohm BR93G66-3 Datasheet HTML 13Page - Rohm BR93G66-3 Datasheet HTML 14Page - Rohm BR93G66-3 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11/36
Datasheet
Datasheet
BR93G66-3
www.rohm.com
TSZ02201-09190G100040-1-2
15.Jun.2016 REV.003
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Typical Performance Curves‐Continued
0
5
10
15
20
0
1
2
3456
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
100
200
300
400
500
0123
456
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
SPEC
Figure 20. Standby Current vs Supply Voltage
(CS=0V, ORG=0V)
Figure 21. SK Frequency vs Supply Voltage
Figure 22. SK High Time vs Supply
Vlt
Figure 23. SK Low Time vs Supply Voltage
0.01
0.1
1
10
100
1000
0
1
23
45
6
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
SPEC
0
100
200
300
400
500
01
23
45
6
SUPPLY VOLTAGE: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
SPEC
SPEC


Similar Part No. - BR93G66-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G66-3A ROHM-BR93G66-3A Datasheet
982Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G66-3B ROHM-BR93G66-3B Datasheet
953Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G66-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3_1 Datasheet
1,013Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3A ROHM-BR93G56-3A Datasheet
943Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A_1 Datasheet
997Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3A ROHM-BR93G46-3A_1 Datasheet
1,017Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com