Electronic Components Datasheet Search |
|
LC75806PT Datasheet(PDF) 9 Page - ON Semiconductor |
|
LC75806PT Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 35 page LC75806PT No.A1425-9/35 (2) When CL is stopped at the high level Note: B0 to B3, A0 to A3 ········· CCB address DD ································· Direction data • CCB address ···············“42H” • D1 to D304 ·················Display data • OC ······························RC oscillator operating mode/external clock operationg mode switching control data • PC90, PC91·················General-purpose output port/clock output port/segment output port switching control data • S0, S1··························Sleep control data • K0, K1 ························Key scan output/segment output switching control data • P0 to P3·······················Segment output port/general-purpose output port switching control data • SC·······························Segment on/off control data • KSC ····························Key scan operation enabled/disabled state setting control data • FC0 to FC2 ·················Common and segment output waveform frame frequency control data • CT0 to CT2 ·················Display contrast setting control data 1 0 B1 B0 D2 D1 D74 S1 0 0 0 0 1 0 0 B3 B2 A1 A0 A3 A2 D75 0 00 KSC SC P3 P2 0 0 0 P1 K0 K1 P0 D76 D71 D72 D73 S0 PC91 PC90 OC DI CL CE DO CT2 CT1 CT0 FC2 1 0 0 FC1 FC0 0 0 0 0 0 0 0 0 0 0 0 D152 D151 D150 D149 D148 D147 B1 B0 D78 D77 1 0 0 0 0 1 0 0 B3 B2 A1 A0 A3 A2 B1 B0 B3 B2 A1 A0 A3 A2 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D228 D227 D226 D225 D224 D223 1 0 0 0 0 1 0 0 D154 D153 B1 B0 1 0 0 0 0 1 0 0 B3 B2 A1 A0 A3 A2 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D304 D303 D302 D301 D300 D299 D230 D229 DD (3 bits) Control data (17 bits) Display data (76 bits) Fixed data (17 bits) DD (3 bits) Control data (17 bits) Display data (76 bits) DD (3 bits) Display data (76 bits) Fixed data (17 bits) DD (3 bits) Display data (76 bits) |
Similar Part No. - LC75806PT |
|
Similar Description - LC75806PT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |