Electronic Components Datasheet Search |
|
LC75812PT Datasheet(PDF) 2 Page - ON Semiconductor |
|
LC75812PT Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 54 page LC75812PT No.A1417-2/54 Specifications Absolute Maximum Ratings at Ta = 25 °C, VSS = 0V Parameter Symbol Conditions Ratings Unit VDD max VDD -0.3 to +4.2 Maximum supply voltage VLCD max VLCD -0.3 to +11.0 V CE, CL, DI, INH -0.3 to +4.2 VIN1 CE, CL, DI, INH VDD=2.7 to 3.6V -0.3 to +6.5 VIN2 OSC, KI1 to KI5, TEST -0.3 to VDD +0.3 Input voltage VIN3 VLCD1, VLCD2, VLCD3, VLCD4 -0.3 to VLCD +0.3 V VOUT1 DO -0.3 to +6.5 VOUT2 OSC, KS1 to KS7, P1 to P3 -0.3 to VDD +0.3 Output voltage VOUT3 VLCD0, S1 to S65, COM1 to COM9 -0.3 to VLCD +0.3 V IOUT1 S1 to S65 300 μA IOUT2 COM1 to COM9 3 IOUT3 KS1 to KS7 1 Output current IOUT4 P1 to P3 5 mA Allowable power dissipation Pd max Ta=85 °C 200 mW Operating temperature Topr -40 to +85 °C Storage temperature Tstg -55 to +125 °C Allowable Operating Range at Ta = -40 °C to +85°C, VSS = 0V Ratings Parameter Symbol Conditions min typ max unit VDD VDD 2.7 3.6 VLCD When the display contrast adjustment circuit is used. 7.0 10.0 Supply voltage VLCD VLCD When the display contrast adjustment circuit is not used. 4.5 10.0 V Output voltage VLCD0 VLCD0 VLCD4 +4.5 VLCD V VLCD1 VLCD1 3/4 (VLCD0- VLCD4) VLCD0 VLCD2 VLCD2 2/4 (VLCD0- VLCD4) VLCD0 VLCD3 VLCD3 1/4 (VLCD0- VLCD4) VLCD0 Input voltage VLCD4 VLCD4 0 1.5 V Continued on next page. Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Similar Part No. - LC75812PT |
|
Similar Description - LC75812PT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |