Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G86F-3BGTE2 Datasheet(PDF) 10 Page - Rohm

Part # BR93G86F-3BGTE2
Description  MicroWire BUS EEPROM (3-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G86F-3BGTE2 Datasheet(HTML) 10 Page - Rohm

Back Button BR93G86F-3BGTE2 Datasheet HTML 6Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 7Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 8Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 9Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 10Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 11Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 12Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 13Page - Rohm BR93G86F-3BGTE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10/36
BR93G86-3B
www.rohm.com
TSZ02201-09190G100120-1-2
21.DEC.2015 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Typical Performance Curves‐Continued
Figure 16 Supply current (READ)
ICC2(READ,fSK=1MHz).
Figure 17. Supply current (READ)
ICC2(READ,fSK=3MHz)
Figure 18. Supply current (WRAL)
ICC3(WRAL,fSK=1MHz)
Figure 19. Supply current (WRAL)
ICC3(WRAL,fSK=3MHz)
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
1
2
3
4
5
0
1
2
3
4
5
6
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR93G86F-3BGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86F-3B ROHM-BR93G86F-3B Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86F-3BE2 ROHM-BR93G86F-3BE2 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86F-3BE2 ROHM-BR93G86F-3BE2 Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86F-3BE2 ROHM-BR93G86F-3BE2 Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86F-3BTR ROHM-BR93G86F-3BTR Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G86F-3BGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3_1 Datasheet
1,013Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3A ROHM-BR93G56-3A Datasheet
943Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G66-3 ROHM-BR93G66-3 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A_1 Datasheet
997Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3A ROHM-BR93G46-3A_1 Datasheet
1,017Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com