Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G86FJ-3BGTE2 Datasheet(PDF) 3 Page - Rohm

Part # BR93G86FJ-3BGTE2
Description  MicroWire BUS EEPROM (3-Wire)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G86FJ-3BGTE2 Datasheet(HTML) 3 Page - Rohm

  BR93G86FJ-3BGTE2 Datasheet HTML 1Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 2Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 3Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 4Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 5Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 6Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 7Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 8Page - Rohm BR93G86FJ-3BGTE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/36
BR93G86-3B
www.rohm.com
TSZ02201-09190G100120-1-2
21.DEC.2015 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
DC characteristics (Unless otherwise specified, VCC=1.7~5.5V, Ta=-40~+85℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input low voltage
VIL
-0.3*1
-
0.3VCC
V
1.7V≦VCC≦5.5V
Input high voltage
VIH
0.7VCC
-
VCC+1.0
V
1.7V≦VCC≦5.5V
Output low voltage 1
VOL1
0
-
0.4
V
IOL=2.1mA, 2.7V≦VCC≦5.5V
Output low voltage 2
VOL2
0
-
0.2
V
IOL=100μA
Output high voltage 1
VOH1
2.4
-
VCC
V
IOH=-0.4mA, 2.7V≦VCC≦5.5V
Output high voltage 2
VOH2
VCC-0.2
-
VCC
V
IOH=-100μA
Input leakage current1
ILI1
-1
-
+1
µA
VIN=0V~VCC(CS,SK,DI)
Output leakage current
ILO
-1
-
+1
µA
VOUT=0V~VCC, CS=0V
Supply current
ICC1
-
-
1.0
mA
VCC=1.7V, fSK=1MHz, tE/W=5ms (WRITE)
-
-
2.0
mA
VCC=5.5V ,fSK=3MHz, tE/W=5ms (WRITE)
ICC2
-
-
0.5
mA
fSK=1MHz (READ)
-
-
1.0
mA
fSK=3MHz (READ)
ICC3
-
-
2.0
mA
VCC=2.5V, fSK=1MHz
tE/W=5ms (WRAL, ERAL)
-
-
3.0
mA
VCC=5.5V ,fSK=3MHz
tE/W=5ms (WRAL, ERAL)
Standby current
ISB1
-
-
2.0
µA
CS=0V
*1 When the pulse width is 50ns or less, the Min value of VIL is admissible to -0.8V.


Similar Part No. - BR93G86FJ-3BGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86FJ-3B ROHM-BR93G86FJ-3B Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FJ-3BE2 ROHM-BR93G86FJ-3BE2 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FJ-3BE2 ROHM-BR93G86FJ-3BE2 Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FJ-3BE2 ROHM-BR93G86FJ-3BE2 Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FJ-3BTR ROHM-BR93G86FJ-3BTR Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G86FJ-3BGTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3_1 Datasheet
1,013Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3A ROHM-BR93G56-3A Datasheet
943Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G66-3 ROHM-BR93G66-3 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A_1 Datasheet
997Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3A ROHM-BR93G46-3A_1 Datasheet
1,017Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3_1 Datasheet
1,014Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com