Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75832E Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC75832E
Description  General-Purpose LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75832E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC75832E Datasheet HTML 2Page - ON Semiconductor LC75832E Datasheet HTML 3Page - ON Semiconductor LC75832E Datasheet HTML 4Page - ON Semiconductor LC75832E Datasheet HTML 5Page - ON Semiconductor LC75832E Datasheet HTML 6Page - ON Semiconductor LC75832E Datasheet HTML 7Page - ON Semiconductor LC75832E Datasheet HTML 8Page - ON Semiconductor LC75832E Datasheet HTML 9Page - ON Semiconductor LC75832E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LC75832E, 75832W
No.A0712-6/22
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1 to
S4/P4
S5 to S54
1 to 4
5 to 54
Segment outputs for displaying the display data transferred by serial data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports when so set
up by the control data.
-
O
OPEN
COM1
COM2
64
63
Common driver outputs. The frame frequency is fo [Hz].
-
O
OPEN
OSC
55
Oscillator connection. An oscillator circuit is formed by connecting an external
resistor and capacitor to this pin. This pin can be used as the external clock input
pin if external clock operating mode is selected with the control data.
-
I/O
VDD
CE
CL
DI
60
61
62
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
H
-
I
I
I
GND
INH
57
Display off control input
• INH = low (VSS) ...Display forced off
S1/P1 to S4/P4 = low (VSS)
(These pins are forcibly set to the segment output port function
and held at the VSS level.)
S5 to S54 = low (VSS)
COM1, COM2 = low (VSS)
OSC = Z (high impedance)
RC oscillation stopped
Inhibits external clock input.
• INH = high (VDD)...Display on
RC oscillation enabled (RC oscillator operating mode)
Enables external clock input (external clock operating mode).
However, serial data transfer is possible when the display is forced off.
L
I
GND
VDD
56
Logic block power supply. Provide a voltage in the range 2.7 to 6.0V.
-
-
-
VLCD
58
LCD driver block power supply. Provide a voltage in the range 2.7 to 6.0V.
-
-
-
VSS
59
Ground pin. Must be connected to ground.
-
-
-


Similar Part No. - LC75832E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832ES-E ONSEMI-LC75832ES-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75832E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75878W ONSEMI-LC75878W Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75809PT ONSEMI-LC75809PT Datasheet
336Kb / 43P
   Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com