Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78616PE-6D02-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC78616PE-6D02-H
Description  Digital Servo Processor LSI
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78616PE-6D02-H Datasheet(HTML) 1 Page - ON Semiconductor

  LC78616PE-6D02-H Datasheet HTML 1Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 2Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 3Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 4Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 5Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 6Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 7Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 8Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
Publication Order Number :
LC78616PE/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
August 2016 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 27 of this data sheet.
LC78616PE
Digital Servo Processor LSI
for Compact Disc Player
with RF Amplifier
Overview
The LC78616PE integrates RF signal processor for CD-DA/R/RW, servo
control, EFM signal processing, anti-shock processing and playback
controller (Sequencer : 8bits CPU). It is possible to make CD player system
using with micro controller, driver and SDRAM IC’s with less
components.
Features
 RF signal processing for CD-DA/R/RW, servo control and EFM signal
processing
 Outputs CDDA, CDROM data
 Maximum approximately 40 seconds shock protection by shock proof
function with external 64M bits SDRAM
 CD-TEXT decoded data are stored in external SDRAM.
 CD playback system is realized with simple macro commands by the external
controller because of the internal Sequencer (8 bits - CPU).
 Operating Voltage : 3.3 V Typical
 Operating Temperature :
40C to +85C
 Package : QIP100E(14
20)
PQFP100 14x20 / QIP100E


Similar Part No. - LC78616PE-6D02-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
More results

Similar Description - LC78616PE-6D02-H

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
logo
Nippon Precision Circui...
SM9403BM NPC-SM9403BM Datasheet
142Kb / 18P
   DVDRAM Servo-amplifier LSI
logo
LSI Computer Systems
BU9532KS2 LSI-BU9532KS2 Datasheet
172Kb / 2P
   Signal processor LSI with pre-servo amplifier for CD players
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com