Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP33 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP33
Description  3.3V 5VECL / 4 Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP33 Datasheet HTML 1Page - ON Semiconductor MC10EP33 Datasheet HTML 2Page - ON Semiconductor MC10EP33 Datasheet HTML 3Page - ON Semiconductor MC10EP33 Datasheet HTML 4Page - ON Semiconductor MC10EP33 Datasheet HTML 5Page - ON Semiconductor MC10EP33 Datasheet HTML 6Page - ON Semiconductor MC10EP33 Datasheet HTML 7Page - ON Semiconductor MC10EP33 Datasheet HTML 8Page - ON Semiconductor MC10EP33 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 5
1
Publication Order Number:
MC10EP33/D
MC10EP33, MC100EP33
3.3V / 5VECL B4 Divider
The MC10/100EP33 is an integrated
B4 divider. The differential
clock inputs.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power–up, the internal flip–flops will attain a random state; the
reset allows for the synchronization of multiple EP33’s in a system.
The 100 Series contains temperature compensation.
320 ps Propagation Delay
Maximum Frequency > 4 GHz Typical
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = –3.0 V to –5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at V
EE
V
BB Output
Device
Package
Shipping
ORDERING INFORMATION
MC10EP33D
SO–8
98 Units/Rail
MC10EP33DR2
SO–8
2500 Tape & Reel
MC100EP33D
SO–8
98 Units/Rail
MC100EP33DR2
SO–8
2500 Tape & Reel
MC10EP33DT
TSSOP–8
100 Units/Rail
MC10EP33DTR2
TSSOP–8
2500 Tape & Reel
MC100EP33DT
TSSOP–8
100 Units/Rail
MC100EP33DTR2 TSSOP–8
2500 Tape & Reel
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
H = MC10
K = MC100
A = Assembly Location
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP–8
DT SUFFIX
CASE 948R
ALYW
KEP33
ALYW
HP33
HEP33
ALYW
ALYW
KP33
1
8
1
8
1
8
1
8
1
8
1
8
http://onsemi.com


Similar Part No. - MC10EP33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33 Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33 ONSEMI-MC10EP33 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EP33D ONSEMI-MC10EP33D Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33D ONSEMI-MC10EP33D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results

Similar Description - MC10EP33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com