Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS36510 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS36510
Description  Low Power System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS36510 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS36510 Datasheet HTML 3Page - ON Semiconductor NCS36510 Datasheet HTML 4Page - ON Semiconductor NCS36510 Datasheet HTML 5Page - ON Semiconductor NCS36510 Datasheet HTML 6Page - ON Semiconductor NCS36510 Datasheet HTML 7Page - ON Semiconductor NCS36510 Datasheet HTML 8Page - ON Semiconductor NCS36510 Datasheet HTML 9Page - ON Semiconductor NCS36510 Datasheet HTML 10Page - ON Semiconductor NCS36510 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
NCS36510
www.onsemi.com
7
Figure 3. Memory Map
Code (0.5 GB)
SRAM (0.5 GB)
Peripherals (0.5 GB)
External RAM (1 GB)
External Device (1 GB)
Private Peripheral Bus:
Internal
Private Peripheral Bus:
External
Reserved
0x00000000
0x1FFFFFFF
0x20000000
0x3FFFFFFF
0x40000000
0x5FFFFFFF
0x9FFFFFFF
0x60000000
0xA0000000
0xE0000000
0xE003FFFF
0xE0040000
0xFFFFFFFF
0xE0100000
0xE00FFFFF
0xE0000000
ITM
0xE0001000
DWT
0xE0002000
FPB
0xE000E000
NVIC
0xE0003000
Reserved
0xE000DFFF
0xE000F000
Reserved
0xE003FFFF
0xE0040000
TPIU
0xE0041000
ETM
0xE00FF000
ROM table
0xE0042000
External private peripheral bus
0xE00FEFFF
0xDFFFFFFF
SRAM A (16 kB)
0x3FFFFFFF
0x3FFFC000
Program Memory B
(320 kB)
Program Memory A
(320 kB)
0x00000000
0x00100000
0x40000000
Timer 0
0x40001000
Timer 1
0x40002000
Timer 2
0x40005000
UART
0x40003000
Reserved
0x40004FFF
0x40006000
SPI
0x40007000
I2C
0x40008000
0x40009000
0x4000A000
Watchdog
0x4000B000
PWM
0x4000C000
GPIO
0x4000D000
0x4000E000
0x4000F000
RTC
0x40010000
Crossbar
0x40012000
0x40014000
MAC Configuration
SAR ADC
0x40015000
AES
0x40016000
0x40018000
0x40019000
RF/Analog Control
0x4001A000
Reserved
0x4001B000
Clock Control
0x4001C000
Pad Control
0x4001D000
PMU
0x4001E000
Device Option
0x4001F000
Test Modes
Information Block B (8 kB)
Information Block A (8 kB)
0x00051FFF
Reset Control
0x00001FFF
0x00002000
0x00101FFF
0x00102000
0x00151FFF
0x40017000
FLASH Control
0x40011000
Randomizer
Reserved
0x40013000
DMA (7 B)
0x24000400
0x2400041C
0x3FFFBFFF
0x3FFF8000
Program Memory A Alias
(320 kB)
0x00200000
Information Block A Alias (8 kB)
0x00251FFF
0x00201FFF
0x00202000
Program Memory B Alias
320 kB)
0x00300000
Information Block B Alias (8 kB)
0x00301FFF
0x00302000
0x00351FFF
UART #2
SPI #2
SRAM B (16 kB)
SRAM C (16 kB)
0x3FFF7FFF
0x3FFF4000
I2C #2
Reserved
MAC RAM (256 B)
0x24000000
0x240000FF
MAC LUT (96 B)
0x24000100
0x2400015F


Similar Part No. - NCS36510

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510 Datasheet
217Kb / 34P
   Low Power System-on-Chip For 2.4 GHz IEEE 802.15.4-2006 Applications
December, 2015 ??Rev. P5
NCS36510 ONSEMI-NCS36510 Datasheet
352Kb / 8P
   NCS36510 RF Module
November, 2018 ??Rev. P0
NCS36510MNTXG ONSEMI-NCS36510MNTXG Datasheet
217Kb / 34P
   Low Power System-on-Chip For 2.4 GHz IEEE 802.15.4-2006 Applications
December, 2015 ??Rev. P5
More results

Similar Description - NCS36510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
   Low-Power System-on-a-Chip
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
   Low-Power System-on-a-Chip
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
logo
Cirrus Logic
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
NXP Semiconductors
QN908X NXP-QN908X_V01 Datasheet
4Mb / 81P
   Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.3-6 January 2021
QN902X NXP-QN902X Datasheet
693Kb / 44P
   Ultra low power Bluetooth LE system-on-chip solution
Rev. 2.7-21 November 2018
QN908X NXP-QN908X Datasheet
6Mb / 80P
   Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.2-19 April 2018
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com