Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3452 Datasheet(PDF) 5 Page - Texas Instruments

Part # MC3452
Description  QUAD DIFFERENTIAL LINE RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3452 Datasheet(HTML) 5 Page - Texas Instruments

  MC3452 Datasheet HTML 1Page - Texas Instruments MC3452 Datasheet HTML 2Page - Texas Instruments MC3452 Datasheet HTML 3Page - Texas Instruments MC3452 Datasheet HTML 4Page - Texas Instruments MC3452 Datasheet HTML 5Page - Texas Instruments MC3452 Datasheet HTML 6Page - Texas Instruments MC3452 Datasheet HTML 7Page - Texas Instruments MC3452 Datasheet HTML 8Page - Texas Instruments MC3452 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC3450, MC3452, MC3550, MC3552
QUAD DIFFERENTIAL LINE RECEIVERS
SLLS012B – FEBRUARY 1986 – REVISED FEBRUARY 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC± = MAX
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MC3450, MC3550
MC3452, MC3552
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VCC
± = ± 4.75 V,
VID = 25 mV,
VOH
High-level output voltage
VCC
±
± 4.75 V,
EN at 0.8 V,
VID 25 mV,
IOH = – 400 µA,
2.4
V
OH
gg
VIC = – 3 V to 3 V
OH
µ
VCC
± = ± 4.75 V,
VID = –25 mV,
VOL
Low-level output voltage
VCC
±
± 4.75 V,
EN at 2 V,
VID
25 mV,
IOL = 16 mA,
0.5
0.5
V
OL
g
VIC = – 3 V to 3 V
OL
IOH
High-level output current
VCC
± = ± 4.75 V,
VOH = 5.25 V
250
µA
A inputs
VID = – 2 V
30
75
30
75
µA
IIH
High-level
B inputs
VID = – 2 V
30
75
30
75
µA
IIH
g
input current
EN
VIH = 2.4 V
40
40
µA
EN
VIH = 5.25 V
1
1
mA
Lll
A inputs
VID = 2 V
–10
–10
µA
IIL
Low-level
input current
B inputs
VID = 2 V
–10
–10
µA
in ut current
EN
VIL = 0.4 V
–1.6
–1.6
mA
IOZ
High-impedance state
VO = 2.4 V
40
µA
IOZ
g
output current
VO = 0.4 V
–40
µA
IOS
Short circuit output current‡
VID = 25 mV,
VO = 0,
18
70
mA
IOS
Short-circuit output current‡
ID
EN at 0.8 V
O
– 18
– 70
mA
ICCH
Supply current from VCC +,
60
60
mA
ICCH +
y
CC +,
outputs high
A inputs at GND,
B inputs at 3 V,
60
60
mA
ICCH
Supply current from VCC – ,
EN at 3 V
30
30
mA
ICCH –
y
CC
outputs high
– 30
– 30
mA
† All typical values are at VCC+ = 5 V, VCC– = –5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time.
switching characteristics, VCC
± – ±5 V, TA = 25°C
PARAMETER
FROM
TO
TEST CONDITIONS
MC3450, MC3550
MC3452, MC3552
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
tPLH
A and B
Y
CL = 50 pF,
See Figure 2
17
25
ns
tPLH
A and B
Y
CL = 15 pF,
See Figure 2
19
25
ns
tPHL
A and B
Y
CL = 50 pF,
See Figure 2
17
25
ns
tPHL
A and B
Y
CL = 15 pF,
See Figure 2
19
25
ns
tPZH
EN
Y
CL =50 pF
See Figure 2
21
ns
tPZL
EN
Y
CL = 50 pF,
See Figure 2
27
ns
tPHZ
EN
Y
CL =15 pF
See Figure 3
18
ns
tPLZ
EN
Y
CL = 15 pF,
See Figure 3
29
ns
tPLH
EN
Y
CL = 15 pF,
See Figure 4
25
ns
tPHL
EN
Y
CL = 15 pF,
See Figure 4
25
ns
† All typical values are at VCC+ = 5 V, VCC– = –5 V, TA = 25°C.


Similar Part No. - MC3452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3452 TI1-MC3452 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3452N TI1-MC3452N Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - MC3452

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com