Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43888G2336M Datasheet(PDF) 7 Page - TDK Electronics

Part # B43888G2336M
Description  Aluminum electrolytic capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43888G2336M Datasheet(HTML) 7 Page - TDK Electronics

Back Button B43888G2336M Datasheet HTML 3Page - TDK Electronics B43888G2336M Datasheet HTML 4Page - TDK Electronics B43888G2336M Datasheet HTML 5Page - TDK Electronics B43888G2336M Datasheet HTML 6Page - TDK Electronics B43888G2336M Datasheet HTML 7Page - TDK Electronics B43888G2336M Datasheet HTML 8Page - TDK Electronics B43888G2336M Datasheet HTML 9Page - TDK Electronics B43888G2336M Datasheet HTML 10Page - TDK Electronics B43888G2336M Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Technical data and ordering codes
CR
120 Hz 20
°C
µF
Case dimensions
d
× l
mm
IAC,R
100 kHz 105
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 10 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
002 = for cut leads, bulk (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30 and 18 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 10 × 16 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for
∅ 16 mm and d × l = 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 350 V DC
3.3
10
× 16
260
B43888G4335M***
4.7
10
× 16
270
B43888G4475M***
6.8
10
× 16
280
B43888G4685M***
10
10
× 20
400
B43888G4106M***
15
12.5
× 20
600
B43888G4156M***
22
12.5
× 25
730
B43888G4226M***
33
12.5
× 30
1100
B43888G4336M***
33
16
× 20
860
B43888H4336M***
47
16
× 25
1150
B43888G4476M***
68
18
× 31.5
1800
B43888G4686M***
82
18
× 35
1900
B43888G4826M***
100
18
× 40
2100
B43888G4107M***
VR = 400 V DC
3.3
10
× 16
180
B43888G9335M***
4.7
10
× 16
190
B43888G9475M***
6.8
10
× 16
200
B43888G9685M***
10
10
× 20
350
B43888G9106M***
15
12.5
× 20
500
B43888G9156M***
22
12.5
× 25
600
B43888G9226M***
33
16
× 25
900
B43888G9336M***
47
16
× 31.5
1100
B43888G9476M***
56
18
× 31.5
1300
B43888G9566M***
68
18
× 35
1400
B43888G9686M***
82
18
× 40
1600
B43888G9826M***
B43888
Long useful life
105
°C
Page 7 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43888G2336M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B43888 EPCOS-B43888 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43888 TDK-B43888 Datasheet
501Kb / 28P
   Aluminum electrolytic capacitors
logo
EPCOS
B43888C1107M000 EPCOS-B43888C1107M000 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
B43888C1107M002 EPCOS-B43888C1107M002 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B43888G2336M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com