Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP33D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EP33D
Description  3.3V 5VECL / 4 Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP33D Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EP33D Datasheet HTML 1Page - ON Semiconductor MC100EP33D Datasheet HTML 2Page - ON Semiconductor MC100EP33D Datasheet HTML 3Page - ON Semiconductor MC100EP33D Datasheet HTML 4Page - ON Semiconductor MC100EP33D Datasheet HTML 5Page - ON Semiconductor MC100EP33D Datasheet HTML 6Page - ON Semiconductor MC100EP33D Datasheet HTML 7Page - ON Semiconductor MC100EP33D Datasheet HTML 8Page - ON Semiconductor MC100EP33D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC10EP33, MC100EP33
http://onsemi.com
4
10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 6)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
26
34
18
26
34
18
26
34
mA
VOH
Output HIGH Voltage (Note 7)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 7)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single–Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single–Ended)
3065
3390
3130
3455
3190
3515
mV
VBB
Output Voltage Reference
3490
3590
3690
3555
3655
3755
3615
3715
3815
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 8)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V.
7. All loading with 50
W to VCC–2.0 volts.
8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = –5.5 V to –3.0 V (Note 9)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
26
34
18
26
34
18
26
34
mA
VOH
Output HIGH Voltage (Note 10)
–1135
–1010
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage (Note 10)
–1935
–1810
–1685
–1870
–1745
–1620
–1810
–1685
–1560
mV
VIH
Input HIGH Voltage (Single–Ended)
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage (Single–Ended)
–1935
–1610
–1870
–1545
–1810
–1485
mV
VBB
Output Voltage Reference
–1510
–1410
–1310
–1445
–1345
–1245
–1385
–1285
–1185
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 11)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
9. Input and output parameters vary 1:1 with VCC.
10. All loading with 50
W to VCC–2.0 volts.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC100EP33D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP33D ONSEMI-MC100EP33D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP33D ONSEMI-MC100EP33D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP33DG ONSEMI-MC100EP33DG Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP33DG ONSEMI-MC100EP33DG Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC100EP33DR2 ONSEMI-MC100EP33DR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results

Similar Description - MC100EP33D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com