Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP33DT Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10EP33DT
Description  3.3V 5VECL / 4 Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33DT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10EP33DT Datasheet HTML 3Page - ON Semiconductor MC10EP33DT Datasheet HTML 4Page - ON Semiconductor MC10EP33DT Datasheet HTML 5Page - ON Semiconductor MC10EP33DT Datasheet HTML 6Page - ON Semiconductor MC10EP33DT Datasheet HTML 7Page - ON Semiconductor MC10EP33DT Datasheet HTML 8Page - ON Semiconductor MC10EP33DT Datasheet HTML 9Page - ON Semiconductor MC10EP33DT Datasheet HTML 10Page - ON Semiconductor MC10EP33DT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC10EP33, MC100EP33
http://onsemi.com
7
Figure 3. Input Frequency (fin) versus Output Voltage (VOPP)
fin, INPUT FREQUENCY (MHz)
5000
4000
3000
2000
1000
0
900
800
700
600
500
400
300
200
100
0
4500
3500
2500
1500
500
V TT = V CC – 2.0 V
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 – Termination of ECL Logic Devices.)
W
Driver
Device
Receiver
Device
QD
50
W
50
V TT
Q
D
Resource Reference of Application Notes
AN1404
ECLinPS Circuit Performance at Non–Standard VIH Levels
AN1405
ECL Clock Distribution Techniques
AN1406
Designing with PECL (ECL at +5.0 V)
AN1504
Metastability and the ECLinPS Family
AN1568
Interfacing Between LVDS and ECL
AN1650
Using Wire–OR Ties in ECLinPS Designs
AN1672
The ECL Translator Guide
AND8001
Odd Number Counters Design
AND8002
Marking and Date Codes
AND8009
ECLinPS Plus Spice I/O Model Kit
AND8020
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


Similar Part No. - MC10EP33DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33DT ONSEMI-MC10EP33DT Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33DTG ONSEMI-MC10EP33DTG Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33DTG ONSEMI-MC10EP33DTG Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EP33DTR2 ONSEMI-MC10EP33DTR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP33DTR2G ONSEMI-MC10EP33DTR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results

Similar Description - MC10EP33DT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com