Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22364-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A22364-Q1
Description  0.65- Dual SPDT Analog Switch with Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A22364-Q1_16 Datasheet HTML 1Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 2Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 3Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 4Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 5Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 6Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 7Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 8Page - Texas Instruments TS5A22364-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TS5A22364-Q1
www.ti.com
SCDS361A – OCTOBER 2014 – REVISED JULY 2016
Product Folder Links: TS5A22364-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1) (2)
TS5A22364-Q1
UNIT
DGS (VSSOP)
10 PINS
RθJA
Junction-to-ambient thermal resistance
163.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.4
°C/W
RθJB
Junction-to-board thermal resistance
83.1
°C/W
ψJT
Junction-to-top characterization parameter
6.8
°C/W
ψJB
Junction-to-board characterization parameter
81.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. See the Implications of Slow or
Floating CMOS Inputs application report, SCBA004.
6.5 Electrical Characteristics—2.5-V Supply
VCC = 2.3 V to 2.7 V, TA = –40°C to +125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal
VCOM
VNO
VNC
VCC
5.5
VCC
V
On-state
resistance
Ron
VNC or VNO = VCC, 1.5 V,
VCC – 5.5 V
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
2.7 V
0.65
0.94
–40°C to +125°C
1.3
On-state
resistance match
between channels
ΔRon
VNC or VNO = 1.5 V,
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
2.7 V
0.023
0.11
–40°C to +125°C
0.15
On-state
resistance
flatness
Ron(flat)
VNC or VNO = VCC, 1.5 V,
VCC – 5.5 V
ICOM = –100 mA
COM to NO or NC,
See Figure 14
25°C
2.7 V
0.18
0.46
–40°C to +125°C
0.56
Shunt switch
resistance
RSH
INO or INC = 10 mA
–40°C to +125°C
2.7 V
25
55
On-state leakage
current
ICOM(ON)
VNC and VNO = floating,
VCOM = VCC , VCC – 5.5 V
See Figure 16
25°C
2.7 V
–200
200
nA
–40°C to +125°C
–2500
2500
DIGITAL CONTROL INPUTS (IN)(2)
Input logic high
VIH
–40°C to +125°C
1.4
VCC
V
Input logic low
VIL
–40°C to +125°C
0.4
V
Input leakage
current
IIH, IIL
VIN = VCC or 0
25°C
2.7 V
–250
250
nA
–40°C to +125°C
–250
250
DYNAMIC
Turnon time
tON
VCOM = VCC,
RL = 300 Ω
CL = 35 pF,
See Figure 18
25°C
2.5 V
44
80
ns
–40°C to +125°C
2.3 V to
2.7 V
120
Turnoff time
tOFF
VCOM = VCC,
RL = 300 Ω
CL = 35 pF,
See Figure 18
25°C
2.5 V
22
70
ns
–40°C to +125°C
2.3 V to
2.7 V
70
Break-before-make
time
tBBM
See Figure 19
25°C
2.5 V
1
7
ns
Charge injection
QC
VGEN = 0,
RGEN = 0,
CL = 1 nF,
See Figure 23
25°C
2.5 V
215
pC
On-State
NC, NO, COM
capacitance
CCOM(ON)
VCOM = VCC or GND,
Switch ON, f = 10 MHz
See Figure 17
25°C
2.5 V
370
pF
Digital input
capacitance
CI
VIN = VCC or GND
See Figure 17
25°C
2.5 V
2.6
pF
Bandwidth
BW
RL = 50 Ω, –3 dB
See Figure 20
25°C
2.5 V
17
MHz


Similar Part No. - TS5A22364-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
More results

Similar Description - TS5A22364-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com