Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12LV22 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSB12LV22
Description  OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV22 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB12LV22_12 Datasheet HTML 5Page - Texas Instruments TSB12LV22_12 Datasheet HTML 6Page - Texas Instruments TSB12LV22_12 Datasheet HTML 7Page - Texas Instruments TSB12LV22_12 Datasheet HTML 8Page - Texas Instruments TSB12LV22_12 Datasheet HTML 9Page - Texas Instruments TSB12LV22_12 Datasheet HTML 10Page - Texas Instruments TSB12LV22_12 Datasheet HTML 11Page - Texas Instruments TSB12LV22_12 Datasheet HTML 12Page - Texas Instruments TSB12LV22_12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TSB12LV22
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
SLLS290A − JULY 1998 − REVISED NOVEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PCI status register
PCI Bus Specification, as seen in the bit descriptions.
PCI register 06h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Table 5. Bit Descriptions − PCI Status Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PAR_ERR
rcu
Detected parity error. This bit is set when a parity error is detected, either address or data parity
errors.
14
SYS_ERR
rcu
Signaled system error. This bit is set when SERR is enabled and the OHCI-Lynx signaled a system
error to the host.
13
MABORT
rcu
Received master abort. This bit is set when a cycle initiated by the OHCI-Lynx on the PCI bus has
been terminated by a master abort.
12
TABORT_REC
rcu
Received target abort. This bit is set when a cycle initiated by the OHCI-Lynx on the PCI bus was
terminated by a target abort.
11
TABORT_SIG
rcu
Signaled target abort. This bit is set by the OHCI-Lynx when it terminates a transaction on the PCI bus
with a target abort.
10:9
PCI_SPEED
r
DEVSEL timing. These read only bits encode the timing of DEVSEL and are hardwired 01b indicating
that the OHCI-Lynx asserts this signal at a medium speed on non-configuration cycle accesses.
8
DATAPAR
rcu
Data parity error detected. This bit is set when the following conditions have been met:
a. PERR# was asserted by any PCI device including the OHCI-Lynx
b. The OHCI-Lynx was the bus master during the data parity error
c. The parity error response bit is set in the command register
7
FBB_CAP
r
Fast back-to-back capable. The OHCI-Lynx cannot accept fast back to back transactions; thus, this
bit is hardwired to zero.
6
UDF
r
UDF supported. The OHCI-Lynx does not support the user definable features; thus, this bit is
hardwired to zero.
5
66MHZ
r
66 MHz capable. The OHCI-Lynx operates at a maximum PCLK frequency of 33 MHz; therefore, this
bit is hardwired to zero.
4
CAPLIST
r
Capabilities list. This bit is read only and returns one when read. It indicates that capabilities
additional to standard PCI are implemented. The linked list of PCI Power Management capabilities is
implemented in this function.
class code and revision ID register
This read only register categorizes the OHCI-Lynx as a serial bus controller (0Ch), controlling an IEEE1394 bus
(00h), with an OHCI programming model (10h). Furthermore, the TI chip revision is indicated in the lower byte.
PCI register 08h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset State
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1


Similar Part No. - TSB12LV22_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV22PZP TI-TSB12LV22PZP Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results

Similar Description - TSB12LV22_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV23 TI-TSB12LV23 Datasheet
342Kb / 85P
[Old version datasheet]   TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com