Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2013-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2013-Q1
Description  TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2013-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2013-Q1 Datasheet HTML 7Page - Texas Instruments TSC2013-Q1 Datasheet HTML 8Page - Texas Instruments TSC2013-Q1 Datasheet HTML 9Page - Texas Instruments TSC2013-Q1 Datasheet HTML 10Page - Texas Instruments TSC2013-Q1 Datasheet HTML 11Page - Texas Instruments TSC2013-Q1 Datasheet HTML 12Page - Texas Instruments TSC2013-Q1 Datasheet HTML 13Page - Texas Instruments TSC2013-Q1 Datasheet HTML 14Page - Texas Instruments TSC2013-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Voltage (V)
14
12
10
8
6
4
2
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Voltage (V)
60
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
-40
-20
0
20
40
60
80
100
Temperature (°C)
10
8
6
4
2
0
V
(SNSVDD) = 3 V
V
= 1.6 V
(SNSVDD)
Supply Voltage (V)
100
80
60
40
20
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD
45
40
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
Temperature (°C)
V
= 1.2 V
(I/OVDD)
V
(I/OVDD) = 3 V
V
(I/OVDD) = 1.6 V
TSC2013-Q1
www.ti.com
SLVSC89A – JUNE 2014 – REVISED JULY 2014
Typical Characteristics (continued)
At TA = –40°C to 125°C, SNSVDD/VREF = 1.6 V to 3 V, I/OVDD = 1.2 V to SNSVDD/VREF, ƒ(ADC) = ƒ(OSC) / 2, high-speed
mode (ƒ(SCL) = 3.4 MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
TA = 25°C
I/OVDD = SNSVDD/VREF
Figure 9. Power-Down Supply Current vs Supply Voltage
Figure 10. I/OVDD Supply Current vs Temperature
IOVDD = SNSVDD/VREF
ƒ(SAMPLE) = 28 kHz
IOVDD = SNSVDD/VREF
AUX continuous mode
Figure 11. I/OVDD Supply Current vs I/OVDD Supply Voltage
Figure 12. Reference Input Current vs Temperature
IOVDD = SNSVDD/VREF
AUX continuous mode
TA = 25°C
Figure 13. Reference Input Current vs SNSVDD Supply Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TSC2013-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010 STMICROELECTRONICS-TSC2010 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010IDT STMICROELECTRONICS-TSC2010IDT Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010IST STMICROELECTRONICS-TSC2010IST Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
More results

Similar Description - TSC2013-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com