Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2046IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2046IPW
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046IPW Datasheet(HTML) 1 Page - Texas Instruments

  TSC2046IPW Datasheet HTML 1Page - Texas Instruments TSC2046IPW Datasheet HTML 2Page - Texas Instruments TSC2046IPW Datasheet HTML 3Page - Texas Instruments TSC2046IPW Datasheet HTML 4Page - Texas Instruments TSC2046IPW Datasheet HTML 5Page - Texas Instruments TSC2046IPW Datasheet HTML 6Page - Texas Instruments TSC2046IPW Datasheet HTML 7Page - Texas Instruments TSC2046IPW Datasheet HTML 8Page - Texas Instruments TSC2046IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FEATURES
D SAME PINOUT AS ADS7846
D 2.2V TO 5.25V OPERATION
D 1.5V TO 5.25V DIGITAL I/O
D INTERNAL 2.5V REFERENCE
D DIRECT BATTERY MEASUREMENT (0V TO 6V)
D ON-CHIP TEMPERATURE MEASUREMENT
D TOUCH-PRESSURE MEASUREMENT
D QSPI AND SPI 3-WIRE INTERFACE
D AUTO POWER-DOWN
D AVAILABLE IN TSSOP-16, QFN-16, AND
VFBGA-48 PACKAGES
APPLICATIONS
D PERSONAL DIGITAL ASSISTANTS
D PORTABLE INSTRUMENTS
D POINT-OF-SALE TERMINALS
D PAGERS
D TOUCH SCREEN MONITORS
D CELLULAR PHONES
US Patent No. 6246394
QSPI and SPI are registered trademarks of Motorola.
DESCRIPTION
The TSC2046 is a next-generation version to the
ADS7846 4-wire touch screen controller which supports
a low-voltage I/O interface from 1.5V to 5.25V. The
TSC2046 is 100% pin-compatible with the existing
ADS7846, and will drop into the same socket. This allows
for easy upgrade of current applications to the new
version. The TSC2046 also has an on-chip 2.5V
reference that can be used for the auxiliary input, battery
monitor, and temperature measurement modes. The
reference can also be powered down when not used to
conserve power. The internal reference operates down to
2.7V supply voltage, while monitoring the battery voltage
from 0V to 6V.
The low power consumption of < 0.75mW typ at 2.7V
(reference off), high-speed (up to 125kHz sample rate),
and on-chip drivers make the TSC2046 an ideal choice for
battery-operated systems such as personal digital
assistants (PDAs) with resistive touch screens, pagers,
cellular phones, and other portable equipment. The
TSC2046 is available in TSSOP-16, QFN-16, and
VFBGA-48 packages and is specified over the –40
°C to
+85
°C temperature range.
CDAC
Internal 2.5V Reference
SAR
TSC2046
Comparator
6− Channel
MUX
Serial
Data
In/Out
Temperature
Sensor
Pen Detect
Battery
Monitor
DOUT
BUSY
CS
DCLK
DIN
V
BAT
AUX
V
REF
+V
CC
IOVDD
X+
X
Y+
Y
PENIRQ
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
Low-Voltage I/O
TOUCH SCREEN CONTROLLER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002−2008, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TSC2046IPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046IPW BURR-BROWN-TSC2046IPW Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWR BURR-BROWN-TSC2046IPWR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWRG4 BURR-BROWN-TSC2046IPWRG4 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2046IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com