Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2013QPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2013QPWRQ1
Description  TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2013QPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2013QPWRQ1 Datasheet HTML 1Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 2Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 3Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 4Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 5Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 6Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 7Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 8Page - Texas Instruments TSC2013QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
TSC2013-Q1
SLVSC89A – JUNE 2014 – REVISED JULY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Analog input X+, Y+, AUX to SNSGND
–0.4
SNSVDD + 0.1
V
Analog input X–, Y– to SNSGND
–0.4
SNSVDD + 0.1
V
SNSVDD to SNSGND
–0.3
5
V
Voltage
SNSVDD to AGND
–0.3
5
V
I/OVDD to AGND
–0.3
5
V
SNSVDD to I/OVDD
–2.4
0.3
V
Digital input voltage to AGND
–0.3
I/OVDD + 0.3
V
Digital output voltage to AGND
–0.3
I/OVDD + 0.3
V
Power dissipation
(TJmax – TA) / RθJA
Operating free-air temperature range, TA
–40
125
°C
Junction temperature, TJmax
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
Corner pins (RSA: 1, 4, 5,
V(ESD)
Electrostatic discharge
8, 9, 12, 13, and 16;
–750
750
V
Charged device model (CDM),
PW: 1, 8, 9, and 16)
per AEC Q100-011
Other pins
–500
500
IEC contact discharge(2)
X+, X–, Y+, Y–
–15
15
kV
IEC air discharge(2)
X+, X–, Y+, Y–
–25
25
kV
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
Test method based on IEC standard 61000-4-2. Contact Texas Instruments for test details.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage SNSVDD/VR
1.6
3.3
3.6
V
Input voltage I/OVDD
1.2
3.3
3.6
V
6.4 Thermal Information
RSA
PW
THERMAL METRIC(1)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
33.7
100.9
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
36.7
36.1
°C/W
RθJB
Junction-to-board thermal resistance
10.5
45.7
°C/W
ψJT
Junction-to-top characterization parameter
0.6
2.6
°C/W
ψJB
Junction-to-board characterization parameter
10.5
45.1
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
2.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TSC2013QPWRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010 STMICROELECTRONICS-TSC2010 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
TSC2010IDT STMICROELECTRONICS-TSC2010IDT Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010IST STMICROELECTRONICS-TSC2010IST Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
More results

Similar Description - TSC2013QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
[Old version datasheet]   12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com