Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3B Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB41BA3B
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB41BA3B_16 Datasheet HTML 6Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 7Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 8Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 9Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 10Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 11Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 12Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 13Page - Texas Instruments TSB41BA3B_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TSB41BA3B
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS678 − SEPTEMBER 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
TYPE
PFP
NO.
GGM
NO.
I/O
DESCRIPTION
LCLK_PMC
CMOS
7
K4
I
Link clock. Link-provided 98.304-MHz clock signal to synchronize data transfers from link to
the PHY. On hardware reset, this terminal is sampled to determine the power management
control (PMC) mode.
LCLK_PMC
LPS
BMODE
Mode
H
L
H
No LLC (PMC mode)
n/c†
lps
L
Legacy LLC
LCLK_PMC‡
lps
H
Beta LLC
internal pulldown on LCLK_PMC
LCLK_PMC from LLC normally low during reset
In PMC mode, because no LLC is attached, the data lines (D7−D0) are available to
indicate power states. In PMC mode, the following signals are output:
D0—port 0 cable-power disable (see Note 1)
− D1—port 1 cable-power disable (port in sleep or disabled)
− D2—port 2 cable-power disable (port in sleep or disabled)
− D6—All ports cable-power disable (all ports in sleep/disable) logical AND of bits
D0−D2
− D3−D5 and D7 are reserved for future use.
Note 1: The cable-power disable is asserted when the port is either:
− Hard-disabled (both the disabled and hard-disabled bits are set)
− Sleep-disabled (both the disabled and sleep_enable bits are set)
− Disconnected
− Asleep
− Connected in DS mode, but nonactive (that is, suspended or disabled)
Otherwise, the cable-power disable output is deasserted (that is, cable power is enabled)
when the port is dc-connected or active. A bus holder is built into this terminal.
LPS
CMOS
80
K1
I
Link power status input. This terminal monitors the active/power status of the link-layer
controller (LLC) and controls the state of the PHY-LLC interface. This terminal must be
connected to either the VDD supplying the LLC through an approximately 1-kΩ resistor or to a
pulsed output which is active when the LLC is powered. A pulsed signal must be used when
an isolation barrier exists between the LLC and PHY (see Figure 8).
The LPS input is considered inactive if it is sampled low by the PHY for more than an
LPS_RESET time (~2.6
μs), and is considered active otherwise (that is, asserted steady high
or an oscillating signal with a low time less than 2.6
μs). The LPS input must be high for at least
22 ns to be observed as high by the PHY.
When the TSB41BA3B detects that the LPS input is inactive, it places the PHY-LLC interface
into a low-power reset state. In the reset state, the CTL (CTL0 and CTL1) and D (D0 to D7)
outputs are held in the logic 0 state and the LREQ input is ignored; however, the PCLK output
remains active. If the LPS input remains low for more than an LPS_DISABLE time (~26
μs),
then the PHY-LLC interface is put into a low-power disabled state in which the PCLK output is
also held inactive.
The LLC state that is communicated in the self-ID packet is considered active only if both the
LPS input is active and the LCtrl register bit is set to 1. The LLC state that is communicated in
the self-ID packet is considered inactive if either the LPS input is inactive or the LCtrl register
bit is cleared to 0.
LREQ
CMOS
3
J3
I
LLC request input. The LLC uses this input to initiate a service request to the TSB41BA3B. A
bus holder is built into this terminal.
PCLK
CMOS
5
K3
O
PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the LLC
when the PHY-link interface is operating in the 1394b mode (BMODE asserted). PCLK output
provides a 49.152-MHz clock signal, synchronized with data transfers, to the LLC when the
PHY-link interface is in legacy 1394a-2000 (BMODE input deasserted).


Similar Part No. - TSB41BA3B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3BIGGM TI-TSB41BA3BIGGM Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3BIPFP TI-TSB41BA3BIPFP Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41BA3B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com