Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments TSC2301 Datasheet HTML 10Page - Texas Instruments TSC2301 Datasheet HTML 11Page - Texas Instruments TSC2301 Datasheet HTML 12Page - Texas Instruments TSC2301 Datasheet HTML 13Page - Texas Instruments TSC2301 Datasheet HTML 14Page - Texas Instruments TSC2301 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
www.ti.com
98
98.125
98.25
98.375
98.5
98.625
98.75
98.875
99
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–72.000
–71.000
–70.000
–69.000
–68.000
–67.000
–66.000
–65.000
–64.000
–63.000
–62.000
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
83
84
85
86
87
88
89
90
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–103.0
–102.0
–101.0
–100.0
–99.0
–98.0
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
SNR OF DAC (LINEOUT)
THD OF ADC (LINEIN)
SNR OF ADC (LINEIN)
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
THD OF DAC (HP DRIVER),
SNR OF DAC (HP DRIVER)
THD OF BYPASS PATH
32-
Ω LOAD
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
11


Similar Part No. - TSC2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Similar Description - TSC2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com