Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2211 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2211
Description  Low Distortion Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2211 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2211_14 Datasheet HTML 1Page - ON Semiconductor NCS2211_14 Datasheet HTML 2Page - ON Semiconductor NCS2211_14 Datasheet HTML 3Page - ON Semiconductor NCS2211_14 Datasheet HTML 4Page - ON Semiconductor NCS2211_14 Datasheet HTML 5Page - ON Semiconductor NCS2211_14 Datasheet HTML 6Page - ON Semiconductor NCS2211_14 Datasheet HTML 7Page - ON Semiconductor NCS2211_14 Datasheet HTML 8Page - ON Semiconductor NCS2211_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCS2211, NCV2211
http://onsemi.com
2
PIN CONNECTIONS for SOIC−8 and DFN8
1
8
2
3
4
7
6
5
(Top View)
Enable
Bias
IN+
IN−
OUT−
VEE
VCC
OUT+
Figure 1. Block Diagram
Output (+)
Bias
(−) Input
Output (−)
Enable
+
+
R2
R
R
R
R
R1
C1
C2
6
5
8
4
VEE
1
7
2
VCC
3
Filtering
(+) Input
RL
High
Low
Enable (Note 1)
Shutdown
Enabled
1. Enable (pin 1) must be actively driven for proper operation and cannot be left floating. See EN-
ABLE/SHUTDOWN CONTROL in the specification table for proper logic threshold levels.
MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Power Supply Voltages
VCC
5.5
Vdc
Output Current
IO
500
mA
Maximum Junction Temperature (Note 2)
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Power Dissipation
PD
(See Graph)
mW
Thermal Resistance, Junction−to−Air − SOIC−8
Thermal Resistance, Junction−to−Air − DFN8 (Note 4)
qJA
117
70
°C/W
Moisture Sensitivity (Note 3)
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
3. For additional information, see Application Note AND8003/D
4. As mounted on an 80x80x1.5 mm FR4 PCB with 650 mm2 and 2 oz (0.034 mm) thick copper heat spreader. Following JEDEC JESD/EIA
51.1, 51.2, 51.3 test guidelines.


Similar Part No. - NCS2211_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2211DG ONSEMI-NCS2211DG Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
NCS2211DR2G ONSEMI-NCS2211DR2G Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
NCS2211MNTXG ONSEMI-NCS2211MNTXG Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
More results

Similar Description - NCS2211_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
   Low Distortion 1.5 Watt Audio Power Amplifier
REV. 0
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211 Datasheet
132Kb / 10P
   Low Distortion Audio Power Amplifier with Differential Output and Shutdown Mode
February, 2008 - Rev. 0
logo
Texas Instruments
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com