Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2561SQT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2561SQT1G
Description  3.3V Single Channel Video Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2561SQT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2561SQT1G Datasheet HTML 1Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 2Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 3Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 4Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 5Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 6Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 7Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 8Page - ON Semiconductor NCS2561SQT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 3
1
Publication Order Number:
NCS2561/D
NCS2561
3.3V Single Channel Video
Driver with Recontruction
Filter and SAG Correction
The NCS2561 is a single high speed video driver including a 2−pole
reconstruction filter and SAG correction capability. The NCS2561 is
available in a space saving SC−88 package optimized for low voltage,
portable applications. It is designed to be compatible with
Digital−to−Analog Converters (DAC) embedded in most video processors.
The NCS2561 internally integrates an 8 MHz 2−pole video DAC
reconstruction filter with a fixed gain of 2. The NCS2561 also has a
built−in SAG correction circuit when used at the output in an
AC−coupled mode. To further reduce power consumption, an enable
pin is provided.
Features
Internal 8 MHz 2−Pole Reconstruction Filter
Internal Fixed Gain: 6 dB
Integrated Level Shifter
SAG Correction Circuit for Reducing Coupling Capacitor Size
Low Quiescent Current: 6 mA Typ
Shutdown Current < 5 mA
Wide Input Voltage Range
Capability to Drive 2 CVBS Video Signals Together (2x150W Loads)
Excellent Video Performance
Operating Supply Voltage Range: +2.7 V to +3.3 V
Space−Saving SC−88 Package
Pin−Compatible with Similar Competitive Devices
This is a Pb−Free Device
Applications
Portable Video
Digital Cameras
Camera Phones
Set−Top Box Video Filters
NTSC and PAL
Figure 1. Block Diagram
Level
Shifter
+
GND
Enable
NCS2561
Vcc
IN
OUT
SAG
5
6
4
3
2
1
2−pole
filter
2.7V to 3.3V
http://onsemi.com
YG1 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
MARKING
DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
NCS2561SQT1G
SC−88
(Pb−Free)
3000 / Tape & Reel
SC−88
SQ SUFFIX
CASE 419B
Enable
VCC
OUT
SAG
GND
IN
3
2
1
4
5
6
Top View
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
PIN CONNECTIONS
1
YG1 MG
G
1
6
(*Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
Related Resource:
Refer to Application Note AND8457/D for details
regarding SAG Correction


Similar Part No. - NCS2561SQT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2561SQT1G ONSEMI-NCS2561SQT1G Datasheet
508Kb / 11P
   3.3V Single Channel Video Driver with Recontruction Filter and SAG Correction
February, 2008 - Rev. 1
NCS2561SQT1G ONSEMI-NCS2561SQT1G Datasheet
491Kb / 11P
   3.3V Single Channel Video Driver
August, 2018 ??Rev. 4
More results

Similar Description - NCS2561SQT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2561 ONSEMI-NCS2561_18 Datasheet
491Kb / 11P
   3.3V Single Channel Video Driver
August, 2018 ??Rev. 4
logo
SG Micro Corp
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
SGM9154 SGMICRO-SGM9154 Datasheet
503Kb / 14P
   Single Channel, Video Filter Driver
logo
ON Semiconductor
NCS2561 ONSEMI-NCS2561 Datasheet
508Kb / 11P
   3.3V Single Channel Video Driver with Recontruction Filter and SAG Correction
February, 2008 - Rev. 1
logo
List of Unclassifed Man...
SPT9404 ETC1-SPT9404 Datasheet
48Kb / 4P
   SINGLE VIDEO DRIVER
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564_11 Datasheet
222Kb / 15P
   Four-Channel Video Driver
April, 2011 ??Rev. 6
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com